Electronic Components Datasheet Search
  English  ▼

X  

LT1634 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1634
Description  Micropower Precision Shunt Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1634 Datasheet(HTML) 3 Page - Linear Technology

  LT1634 Datasheet HTML 1Page - Linear Technology LT1634 Datasheet HTML 2Page - Linear Technology LT1634 Datasheet HTML 3Page - Linear Technology LT1634 Datasheet HTML 4Page - Linear Technology LT1634 Datasheet HTML 5Page - Linear Technology LT1634 Datasheet HTML 6Page - Linear Technology LT1634 Datasheet HTML 7Page - Linear Technology LT1634 Datasheet HTML 8Page - Linear Technology LT1634 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT1634
3
1634ff
For more information www.linear.com/LT1634
TEMPERATURE
ACCURACY (%)
TEMPERATURE COEFFICIENT
(ppm/°C)
PACKAGE TYPE
MS8
S8
Z
0°C to 70°C
0.05
10
LT1634ACS8-1.25
LT1634ACS8-2.5
LT1634ACS8-4.096
LT1634ACS8-5
–40°C to 85°C
0.05
10
LT1634AIS8-1.25
LT1634AIS8-2.5
LT1634AIS8-4.096
LT1634AIS8-5
0°C to 70°C
0.05
25
LT1634BCMS8-1.25
LT1634BCMS8-2.5
LT1634BCS8-1.25
LT1634BCS8-2.5
LT1634BCS8-4.096
LT1634BCS8-5
–40°C to 85°C
0.05
25
LT1634BIS8-1.25
LT1634BIS8-2.5
LT1634BIS8-4.096
LT1634BIS8-5
0°C to 70°C
0.20
25
LT1634CCZ-1.25
LT1634CCZ-2.5
LT1634CCZ-4.096
LT1634CCZ-5
available opTions
1.25v elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
LT1634ACS8/LT1634BCMS8/LT1634BCS8/
LT1634AIS8/LT1634BIS8 (IR = 10µA)
1.24937
–0.05
1.250
1.25062
0.05
V
%
LT1634CCZ (IR = 10µA)
1.24750
–0.20
1.250
1.25250
0.20
V
%
LT1634ACS8 (IR = 10µA)
l
1.24849
–0.12
1.250
1.25149
0.12
V
%
LT1634AIS8 (IR = 10µA)
l
1.24781
–0.175
1.250
1.25218
0.175
V
%
LT1634BCS8/LT1634BCMS8 (IR = 10µA)
l
1.24718
–0.225
1.250
1.25281
0.225
V
%
LT1634BIS8 (IR = 10µA)
l
1.24547
–0.362
1.250
1.25453
0.362
V
%
LT1634CCZ (IR = 10µA)
l
1.24531
–0.375
1.250
1.25469
0.375
V
%
Reverse Breakdown Change
with Current (Note 4)
10µA ≤ IR ≤ 2mA
l
0.25
0.30
1
2
mV
mV
2mA ≤ IR ≤ 20mA
l
2
2
8
10
mV
mV
Minimum Operating Current
l
7
µA
Temperature Coefficient (Note 8)
LT1634A, IR = 10µA
LT1634B/LT1634C, IR = 10µA
l
4
10
10
25
ppm/°C
ppm/°C
Reverse Dynamic Impedance (Note 5) 10µA ≤ IR ≤ 2mA
l
0.125
0.150
0.5
1.0
Ω
Ω
Low Frequency Noise (Note 6)
IR = 10µA, 0.1Hz ≤ f ≤ 10Hz
10
µVP-P
Hysteresis (Note 7)
∆T = –40°C to 85°C
∆T = 0°C to 70°C
160
40
ppm
ppm
The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com