Electronic Components Datasheet Search
  English  ▼

X  

LT1641 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1641
Description  Positive High Voltage Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641 Datasheet(HTML) 3 Page - Linear Technology

  LT1641 Datasheet HTML 1Page - Linear Technology LT1641 Datasheet HTML 2Page - Linear Technology LT1641 Datasheet HTML 3Page - Linear Technology LT1641 Datasheet HTML 4Page - Linear Technology LT1641 Datasheet HTML 5Page - Linear Technology LT1641 Datasheet HTML 6Page - Linear Technology LT1641 Datasheet HTML 7Page - Linear Technology LT1641 Datasheet HTML 8Page - Linear Technology LT1641 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1641
1641fd
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPHLON
ON Low to GATE Low
Figures 1, 2
6
µs
tPLHON
ON High to GATE High
Figures 1, 2
1.7
µs
tPHLFB
FB Low to PWRGD Low
Figures 1, 3
3.2
µs
tPLHFB
FB High to PWRGD High
Figures 1, 3
1.5
µs
tPHLSENSE
(VCC – SENSE) High to GATE Low
Figures 1, 4
0.5
1
2
µs
AC ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
TA = 25°C, VCC = 24V
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
0
20
40
60
80
100
1641 G01
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
85
°C
25
°C
–45
°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641 G02
3.0
2.5
2.0
1.5
1.0
0.5
0
48V
24V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641 G03
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
VCC = 48V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641 G04
1.335
1.330
1.325
1.320
1.315
1.310
1.305
1.300
1.295
1.290
1.285
1.280
VCC = 48V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641 G05
0.100
0.095
0.090
0.085
0.080
0.075
0.070
0.065
0.060
0.055
0.050
0.045
0.040
VCC = 48V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641 G06
–5
–6
–7
–8
–9
–10
–11
–12
–13
VCC = 48V
ICC vs VCC
ICC vs Temperature
FB Pin Low Voltage Threshold vs
Temperature
FB Pin High Voltage Threshold vs
Temperature
FB Pin Hysteresis vs Temperature
IGATE Pull Up vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com