Electronic Components Datasheet Search
  English  ▼

X  

LT1671 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 4 Page - Linear Technology

  LT1671 Datasheet HTML 1Page - Linear Technology LT1671 Datasheet HTML 2Page - Linear Technology LT1671 Datasheet HTML 3Page - Linear Technology LT1671 Datasheet HTML 4Page - Linear Technology LT1671 Datasheet HTML 5Page - Linear Technology LT1671 Datasheet HTML 6Page - Linear Technology LT1671 Datasheet HTML 7Page - Linear Technology LT1671 Datasheet HTML 8Page - Linear Technology LT1671 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1671
Propagation Delay vs
Load Capacitance
DIFFERENTIAL INPUT VOLTAGE (mV)
–3
3
–1
–2
0
1
1671 G01
2
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VS = ±5V
RL = 1M
TA = 125°C
TA = 25°C
TA = – 55°C
Gain Characteristics
OUTPUT LOAD CAPACITANCE (pF)
0
100
90
80
70
60
50
10
20
30
40
1671 G02
50
VS = ±5V
VSTEP = 100mV
VOD = 5mV
TA = 25°C
RL = 1M
FALLING EDGE (tPDHL)
RISING EDGE (tPDLH)
Propagation Delay vs
Source Resistance
Propagation Delay vs
Input Overdrive
OVERDRIVE (mV)
0
140
120
100
80
60
40
20
10
20
30
40
1671 TA02
50
VS = ±5V
VSTEP = 100mV
TA = 25°C
RL = 1M
FALLING EDGE (tPDHL)
RISING EDGE (tPDLH)
SOURCE RESISTANCE (k
Ω)
0
510
15
1671 G05
200
180
160
140
120
100
80
60
40
VS = ±5V
RL = 1M
VOD = 20mV
TA = 25°C
STEP SIZE = 800mV
STEP SIZE = 100mV
400mV
200mV
TEMPERATURE (
°C)
–50
100
90
80
70
60
50
40
30
20
10
0
0
50
75
1671 G06
–25
25
100
125
tPDHL
tPDLH
VS = ±5V
VSTEP = 100mV
VOD = 5mV
RL = 1M
POSITIVE SUPPLY VOLTAGE (V)
4.4
90
80
70
60
50
4.6
4.8
5.0
5.2
5.4
1671 G03
5.6
FALLING EDGE (tPDHL)
RISING EDGE (tPDLH)
V– = –5V
VSTEP = 100mV
VOD = 5mV
TA = 25°C
RL = 1M
Propagation Delay vs
Positive Supply Voltage
Propagation Delay vs
Temperature
Input Bias Current vs
Temperature
Input Offset Voltage vs
Temperature
Positive Common Mode Limit vs
Temperature
TEMPERATURE (
°C)
–50
4
3
2
1
0
–1
–2
–3
0
50
75
1671 G07
–25
25
100
125
VS = ±5V
RL = 1M
TEMPERATURE (
°C)
–50
500
400
300
200
100
0
0
50
75
1671 G08
–25
25
100
125
VCM = –5V
VCM = 3.5V
VCM = 0V
VS = ±5V
RL = 1M
TEMPERATURE (
°C)
–50
6
5
4
3
2
1
0
0
50
75
1671 G09
–25
25
100
125
VS = ±5V
RL = 1M
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com