Electronic Components Datasheet Search
  English  ▼

X  

LT1812 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1812
Description  3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812 Datasheet(HTML) 2 Page - Linear Technology

  LT1812 Datasheet HTML 1Page - Linear Technology LT1812 Datasheet HTML 2Page - Linear Technology LT1812 Datasheet HTML 3Page - Linear Technology LT1812 Datasheet HTML 4Page - Linear Technology LT1812 Datasheet HTML 5Page - Linear Technology LT1812 Datasheet HTML 6Page - Linear Technology LT1812 Datasheet HTML 7Page - Linear Technology LT1812 Datasheet HTML 8Page - Linear Technology LT1812 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1812
2
1812fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V + to V–) ..............................12.6V
Differential Input Voltage (Transient Only, Note 2) ......±3V
Input Voltage, Shutdown Voltage...............................±VS
Output Short-Circuit Duration (Note 3) ............. Indefinite
Operating Temperature Range (Note 8)..... – 40°C to 85°C
(Note 1)
V– 2
5 V+
4 –IN
VOUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
+
–
TJMAX = 150°C, θJA = 250°C/ W
(NOTE 9)
VOUT 1
V– 2
+IN 3
6 V+
5 SHDN
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
+
–
TJMAX = 150°C, θJA = 230°C/ W
(NOTE 9)
1
2
3
4
8
7
6
5
TOP VIEW
SHDN
V+
VOUT
NC
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
+
–
TJMAX = 150°C, θJA = 150°C/ W
(NOTE 9)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1812CS5#PBF
LT1812CS5#TRPBF
LTLH
5-Lead Plastic TSOT-23
0°C to 70°C
LT1812IS5#PBF
LT1812IS5#TRPBF
LTLJ
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1812CS6#PBF
LT1812CS6#TRPBF
LTLK
6-Lead Plastic TSOT-23
0°C to 70°C
LT1812IS6#PBF
LT1812IS6#TRPBF
LTLL
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1812CS8#PBF
LT1812CS8#TRPBF
1812
8-Lead Plastic SO
0°C to 70°C
LT1812IS8#PBF
LT1812IS8#TRPBF
1812I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range
(Note 8).................................................... –40°C to 85°C
Maximum Junction Temperature ........................... 150°C
Storage Temperature Range ................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com