Electronic Components Datasheet Search
  English  ▼

X  

LTC1043 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1043
Description  Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043 Datasheet(HTML) 4 Page - Linear Technology

  LTC1043 Datasheet HTML 1Page - Linear Technology LTC1043 Datasheet HTML 2Page - Linear Technology LTC1043 Datasheet HTML 3Page - Linear Technology LTC1043 Datasheet HTML 4Page - Linear Technology LTC1043 Datasheet HTML 5Page - Linear Technology LTC1043 Datasheet HTML 6Page - Linear Technology LTC1043 Datasheet HTML 7Page - Linear Technology LTC1043 Datasheet HTML 8Page - Linear Technology LTC1043 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1043
4
1043fa
Oscillator Frequency, fOSC
vs Ambient Temperature, TA
(Test Circuits 2 through 4)
TYPICAL PERFOR A CE CHARACTERISTICS
Break-Before-Make Time, tNOV,
vs Supply Voltage
COSC Pin ISINK, ISOURCE
vs Supply Voltage
AMBIENT TEMPERATURE (°C)
–50
100
125
175
200
225
350
275
0
50
75
LTC1043 • TPC10
150
300
325
250
–25
25
100
125
COSC = 0pF
V+ = 10V, V– = 0V
V+ = 5V, V– = 0V
V+ = 15V, V– = 0V
0
0
25
50
75
100
246
8
LTC1043 • TPC11
10
12
14
16
18
ISINK, TA = 25°C
ISOURCE, TA = –55°C
ISOURCE, TA = 25°C
ISINK, TA = 125°C
ISOURCE, TA = 125°C
ISINK, TA = –55°C
VSUPPLY (V)
0
10
20
40
50
60
80
2
10
14
LTC1043 • TPC12
30
70
8
18 20
4
6
12
16
TA = 25°C
BLOCK DIAGRA
LTC1043 • BD01
12
11
3
2
CB
–
CB
+
SHB
V+
THE SWITCHES ARE TIMED AS SHOWN WITH PIN 16 HIGH
THE CHARGE BALANCING CIRCUITRY SAMPLES THE VOLTAGE
AT S3 WITH RESPECT TO S4 (PIN 16 HIGH) AND INJECTS A
SMALL CHARGE AT THE C+ PIN (PIN 16 LOW).
THIS BOOSTS THE CMRR WHEN THE LTC1043 IS USED AS AN
INSTRUMENTATION AMPLIFIER FRONT END.
FOR MINIMUM CHARGE INJECTION IN OTHER TYPES OF
APPLICATIONS, S3A AND S3B SHOULD BE GROUNDED
V–
CHARGE
BALANCING
CIRCUITRY
NON-OVERLAPPING
CLOCK
OSCILLATOR
10
CHARGE
BALANCING
CIRCUITRY
1
CA
–
CA
+
SHA
COSC
S1A
7
13
6
18
16
4
17
8
14
15
5
S4A
S1B
S2B
S4B
V+
V–
S2A
S3B
S3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com