Electronic Components Datasheet Search
  English  ▼

X  

KRC830E Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRC830E
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC830E Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRC830E Datasheet HTML 1Page - KEC(Korea Electronics) KRC830E Datasheet HTML 2Page - KEC(Korea Electronics) KRC830E Datasheet HTML 3Page - KEC(Korea Electronics) KRC830E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 7. 10
3/4
KRC830E~KRC834E
Revision No : 2
COLLECTOR CURRENT I (mA)
0.1
300
0.3
1
3
2k
h
- I
FE
C
C
10
30
100
10
30
50
100
500
1k
Ta=100 C
Ta=25 C
Ta=-25 C
V =5V
CE
0.3
COLLECTOR CURRENT I (mA)
0.1
100
30
50
10
300
500
1k
2k
V =5V
10
3
1
Ta=100 C
Ta=25 C
Ta=-25 C
CE
100
30
C
h
- I
FE
C
COLLECTOR CURRENT I (mA)
0.3
10
0.1
50
30
100
10
V =5V
Ta=-25 C
1
CE
3
100
30
C
1k
500
300
2k
Ta=25 C
Ta=100 C
h
- I C
FE
KRC830E
KRC831E
KRC832E
KRC830E
0.3
COLLECTOR CURRENT I (mA)
0.1
0.1
0.05
0.03
0.01
1
0.5
0.3
2
I /I =20
10
3
1
Ta=-25 C
Ta=25 C
Ta=100 C
C
100
30
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I (mA)
I /I =20
Ta=-25 C
Ta=100 C
0.3
0.1
0.3
0.5
0.01
0.03
0.05
0.1
1
C
13
10
Ta=25 C
KRC831E
2
CE(sat)
V
- IC
30
100
C
B
B
COLLECTOR CURRENT I (mA)
Ta=100 C
0.3
Ta=-25 C
0.1
0.05
0.03
0.01
0.1
1
Ta=25 C
3
10
100
30
C
I /I =20
KRC832E
0.5
0.3
1
2
B
C
V
- I
CE(sat)
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com