Electronic Components Datasheet Search
  English  ▼

X  

KRC831U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC831U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC831U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC831U Datasheet HTML 1Page - KEC(Korea Electronics) KRC831U Datasheet HTML 2Page - KEC(Korea Electronics) KRC831U Datasheet HTML 3Page - KEC(Korea Electronics) KRC831U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 7. 10
2/4
KRC830U~KRC834U
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Switching
Time
Rise Time
KRC830U
tr
VO=5V
VIN=5V
RL=1k
-
0.025
-
S
KRC831U
-
0.03
-
KRC832U
-
0.3
-
KRC833U
-
0.06
-
KRC834U
-
0.11
-
Storage Time
KRC830U
tstg
-
3.0
-
KRC831U
-
2.0
-
KRC832U
-
6.0
-
KRC833U
-
4.0
-
KRC834U
-
5.0
-
Fall Time
KRC830U
tf
-
0.2
-
KRC831U
-
0.12
-
KRC832U
-
2.0
-
KRC833U
-
0.9
-
KRC834U
-
1.4
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com