Electronic Components Datasheet Search
  English  ▼

X  

KRC832E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRC832E
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC832E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC832E Datasheet HTML 1Page - KEC(Korea Electronics) KRC832E Datasheet HTML 2Page - KEC(Korea Electronics) KRC832E Datasheet HTML 3Page - KEC(Korea Electronics) KRC832E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 7. 10
1/4
SEMICONDUCTOR
TECHNICAL DATA
KRC830E~KRC834E
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Packing Density.
DIM MILLIMETERS
A
A1
B1
C
TES6
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
6
4
P
P
P5
5
+_
+_
+_
+_
+_
+_
+_
1. Q EMITTER
4. Q COLLECTOR
3. Q BASE
5. Q BASE
6. Q COLLECTOR
1
1
2. Q EMITTER
2
1
2
2
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25
)
MARK SPEC
R1
C
E
B
Type Name
12
3
6
54
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current Gain
hFE
VCE=5V, IC=1mA
120
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=0.5mA
-
0.1
0.3
V
Transition Frequency
fT *
VCE=10V, IC=5mA
-
250
-
MHz
Input Resistor
KRC830E
R1
-
4.7
-
k
KRC831E
-
10
-
KRC832E
-
100
-
KRC833E
-
22
-
KRC834E
-
47
-
TYPE
KRC830E
KRC831E
KRC832E
KRC833E
KRC834E
MARK
YK
YM
YN
YO
YP
ELECTRICAL CHARACTERISTICS (Ta=25
)
EQUIVALENT CIRCUIT (TOP VIEW)
1
Q1
23
65
4
Q2
Marking
* Total Raing.
Note : * Characteristic of Transistor Only.


Similar Part No. - KRC832E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC832U KEC-KRC832U Datasheet
50Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRC832E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com