Electronic Components Datasheet Search
  English  ▼

X  

DCPU1 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DCPU1
Description  CPU - Computer Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DCPU1 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DCPU1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DCPU1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPU / Computer Mount
MODEL NUMBER: DCPU1
Description
Tripp Lite’s DCPU1 CPU / Desktop Computer Mount frees up valuable space in your workstation by allowing you to mount your CPU on a wall so it stays out of
the way. Its adjustable, open frame fits most 4- to 6-inch CPUs, and its durable, all-metal construction supports weights of up to 40 lb. The DCPU1 comes with
all necessary mounting hardware.
Specifications
PHYSICAL
Screen Size (cm)
2.54 - 50.8
Unit Weight (lbs.)
4.4
Unit Weight (kg)
2.0
Material of Construction
Steel
Color
Gray
Screen Size Compatibility (in.)
4 - 6.25
Screen Size Compatibility (cm)
10.16 - 15.875
Motion
Fixed
Maximum Weight Capacity (lbs.)
40
Maximum Weight Capacity (kg)
18.14
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
No
Highlights
Increases available desk/table
space in office workstation
applications
Adjustable frame fits most CPUs
from 4” to 6.25”
Open frame for easy access to
your CPU
Supports up to 40 lbs.
Package Includes
DCPU1 CPU Mount
Mounting Hardware
Owner’s Manual
1 Protective Foam Block
12 Protective Foam Discs
1 / 2


Similar Part No. - DCPU1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DCPU2 TRIPPLITE-DCPU2 Datasheet
168Kb / 2P
Mobile CPU Caddy for Computer Towers - Width Adjustable, Locking Casters, Black
DCPUSWIV TRIPPLITE-DCPUSWIV Datasheet
170Kb / 2P
Under-Desk CPU Mount for Computer Towers - Width and Height Adjustable, 180-Degree Swivel, Black
More results

Similar Description - DCPU1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-6252 BOSER-HS-6252_1 Datasheet
1Mb / 90P
VIA C3 800MHz Embedded CPU Industrial Single Board Computer
HS-6253 BOSER-HS-6253_1 Datasheet
1Mb / 80P
VIA C3 800MHz Embedded CPU Industrial Single Board Computer
logo
List of Unclassifed Man...
LEC-7920 ETC2-LEC-7920 Datasheet
254Kb / 2P
Fanless Computer with Intel짰 Core i5 / i7 / Celeron CPU
LEC-7950 ETC2-LEC-7950 Datasheet
259Kb / 2P
Fanless Computer with Intel짰 CoreTM i3 / Celeron CPU
logo
Tripp Lite. All Rights ...
DCPUSWIV TRIPPLITE-DCPUSWIV Datasheet
170Kb / 2P
Under-Desk CPU Mount for Computer Towers - Width and Height Adjustable, 180-Degree Swivel, Black
logo
Moxa Inc.
V2403 MOXA-V2403 Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU industrial computer
V2406A MOXA-V2406A Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
V2416A MOXA-V2416A Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
V2426A MOXA-V2426A Datasheet
1Mb / 7P
Intel 3rd Gen Core CPU, EN 50155 railway computer
V2616A MOXA-V2616A Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU, EN 50155 railway computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com