Electronic Components Datasheet Search
  English  ▼

X  

DWF3770L Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWF3770L
Description  Fixed Wall-Mount for 37 to 70 Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWF3770L Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWF3770L Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWF3770L Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fixed Wall-Mount for 37" to 70" Flat-Screen Displays
MODEL NUMBER: DWF3770L
Description
Tripp Lite’s VESA-compliant DWF3770L Fixed Flat-Screen Wall Mount’s low-profile design keeps unit out of site for sleek, professional appearance, Its
durable, all-metal construction with scratch-resistant, powder-coat finish supports weights of up to 143 lb and fits most 37- to 70-inch flat-panel displays. It
comes with all necessary mounting hardware. A built-in bubble level enables accurate display leveling. For peace of mind, the DWF3770L comes backed by a
5-year warranty.
Features
Low-profile design keeps unit out of site for sleek, professional appearance
Durable, all-metal construction with scratch-resistant, powder-coat finish supports weights of up to 143 lbs.
Fits most 37- to 70-inch flat-panel displays
Comes with all necessary mounting hardware
Built-in bubble level enables accurate display leveling
5-year warranty
Specifications
PHYSICAL
Mounting Location
Wall
Unit Weight (lbs.)
3.4
Unit Weight (kg)
1.54
Color
Black
Screen Size Compatibility (in.)
37 - 70
Screen Size Compatibility (cm)
81.28 - 177.80
VESA Pattern (mm)
300x300; 400x200; 400x400; 600x400; 800x400
Highlights
Low-profile mounting keeps unit
out of sight for sleek, professional
appearance
Fits most flat-panel displays from
37” to 70”
Equipped with a bubble level for
accurate display leveling
Supports up to 143 lb
5-year warranty
Package Includes
DWF3770L Fixed Flat-Screen
Wall Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DWF3770L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWF3270X TRIPPLITE-DWF3270X Datasheet
500Kb / 2P
Fixed Wall-Mount for 32 to 70 Flat-Screen Displays
More results

Similar Description - DWF3770L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWF2655X TRIPPLITE-DWF2655X Datasheet
510Kb / 2P
Fixed Wall-Mount for 26 to 55 Flat-Screen Displays
DWF3270X TRIPPLITE-DWF3270X Datasheet
500Kb / 2P
Fixed Wall-Mount for 32 to 70 Flat-Screen Displays
DWF4585X TRIPPLITE-DWF4585X Datasheet
501Kb / 2P
Fixed Wall-Mount for 45 to 85 Flat-Screen Displays
DWF60100XX TRIPPLITE-DWF60100XX Datasheet
502Kb / 2P
Fixed Wall-Mount for 60 to 100 Flat-Screen Displays
DWM3770X TRIPPLITE-DWM3770X Datasheet
520Kb / 2P
Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
DWT1327S TRIPPLITE-DWT1327S Datasheet
523Kb / 2P
Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com