Electronic Components Datasheet Search
  English  ▼

X  

KRC844T Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KRC844T
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC844T Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KRC844T Datasheet HTML 1Page - KEC(Korea Electronics) KRC844T Datasheet HTML 2Page - KEC(Korea Electronics) KRC844T Datasheet HTML 3Page - KEC(Korea Electronics) KRC844T Datasheet HTML 4Page - KEC(Korea Electronics) KRC844T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2002. 7. 10
5/5
KRC841T~KRC846T
Revision No : 2
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
G - I
O
OUTPUT CURRENT I
(mA)
IO
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
G - I
O
OUTPUT CURRENT I
(mA)
IO
0.1
0.3
1
3
0.3
10
30
100
300
1k
0.5
1
3
5
10
30
50
100
300
500
V =0.3V
O
Ta=25 C
Ta=-25 C
0.4
30
KRC845T
0.6
0.8
1.0
1.2
1.4
1.6
50
100
300
500
1k
3k
5k
KRC845T
V =5V
O
13
10
30
300
30
100
300
1k
10
50
100
KRC845T
O
V =5V
Ta=100 C
Ta=25 C
Ta=-25 C
0.2
0
500
1k
3k
0.4
10
13
300
50
30
100
1k
500
3k
KRC846T
V =5V
O
0
50
30
100
0.2
30
10
100
300
1k
Ta=100 C
Ta=-25 C
Ta=25 C
0.8
0.6
1.0
1.2
1.4
1.6
50
500
300
1k
5k
3k
O
KRC846T
V =5V
0.1
1
0.5
0.3
5
3
30
10
0.3
1
300
100
500
KRC846T
V =0.3V
O
310
Ta=-25 C
Ta=25 C
30
100 300
1k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com