Electronic Components Datasheet Search
  English  ▼

X  

DWM1327SE Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWM1327SE
Description  Full-Motion Wall-Mount for 13 to 27 Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM1327SE Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWM1327SE Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM1327SE Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full-Motion Wall-Mount for 13" to 27" Flat-Screen
Displays
MODEL NUMBER: DWM1327SE
Description
Tripp Lite’s VESA-compliant DWM1327SE Tilt Flat-Screen Wall Mount offers full-motion articulation and can free
up valuable space in your workstation by allowing you to effortlessly re-position your display at any time, even
after installation. Its sleek design features convenient one-touch swivel display adjustment with tilt capabilities
and fits most 13- to 27-inch flat-panel displays. Its durable, all-metal frame with scratch-resistant, powder-coat
finish withstands the stress of repeated use and blends easily into any décor. It comes with all necessary
mounting hardware and supports weights of up to 33 lb. For peace of mind, the DWM1327SE comes backed by a 5-year warranty and green, RoHS-compliant
design.
Specifications
PHYSICAL
Mounting Location
Wall
Unit Weight (lbs.)
2.66
Unit Weight (kg)
1.26
Color
Black
Screen Size Compatibility (in.)
13 - 27
Screen Size Compatibility (cm)
33.02 - 68.58
VESA Pattern (mm)
75x75; 100x100
Motion
Full
Degrees of Motion
-15/+15 Tilt; 180 swivel
Min/Max Arm Extension (in.)
4.14 min to 15.95 max
Highlights
REPLACES MODEL
DWM1323SE
Can be used to increase
available desk/table space in
office applications
Fits most flat-panel displays from
13” to 27”
Convenient one-touch swivel
display adjustment for easy view
optimization (tilt is adjustable with
included Allen wrench)
Wide range of motion with -15° to
+15° tilt and 180° swivel
capability
Supports up to 33 lbs.
5-year warranty
Package Includes
DWM1327SE Full Motion
Flat-Screen Wall Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DWM1327SE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWM1327SP TRIPPLITE-DWM1327SP Datasheet
509Kb / 2P
Full-Motion Wall-Mount w- Screen Level Adjustment for 13 to 27 Flat-Screen Displays
More results

Similar Description - DWM1327SE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SP TRIPPLITE-DWM1327SP Datasheet
509Kb / 2P
Full-Motion Wall-Mount w- Screen Level Adjustment for 13 to 27 Flat-Screen Displays
DWM1742MN TRIPPLITE-DWM1742MN Datasheet
511Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM1742S TRIPPLITE-DWM1742S Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM2655M TRIPPLITE-DWM2655M Datasheet
521Kb / 2P
Full-Motion Wall-Mount for 26 to 55 Flat-Screen Displays
DWM3770X TRIPPLITE-DWM3770X Datasheet
520Kb / 2P
Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
DWM60100XX TRIPPLITE-DWM60100XX Datasheet
534Kb / 2P
Full-Motion Wall-Mount for 60 to 100 Flat-Screen Displays
DWT1327S TRIPPLITE-DWT1327S Datasheet
523Kb / 2P
Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com