Electronic Components Datasheet Search
  English  ▼

X  

DWM1742MN Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWM1742MN
Description  Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM1742MN Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWM1742MN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM1742MN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full-Motion Wall-Mount for 17" to 42" Flat-Screen
Displays
MODEL NUMBER: DWM1742MN
Description
Tripp Lite’s VESA-compliant DWM1742MN Full-Motion Flat-Screen Wall Mount packs a lot of functionality into a
compact design. It offers full-motion articulation and can free up valuable space in your workstation by allowing
you to effortlessly reposition your display at any time, even after installation. Its low-profile frame features
convenient one-touch display adjustment with tilt and swivel capabilities and fits most 17- to 42-inch flat-panel
displays. Its durable, all-metal construction with scratch-resistant, powder-coat finish withstands the stress of
repeated use. It comes preassembled for quick and easy installation and supports weights of up to 115 lb. For peace of mind, the DWM1742MN comes
backed by a 5-year warranty.
Specifications
PHYSICAL
Mounting Location
Wall
Unit Weight (lbs.)
3.63
Unit Weight (kg)
1.64
Color
Black
Screen Size Compatibility (in.)
17 - 42
Screen Size Compatibility (cm)
43.18 - 106.68
VESA Pattern (mm)
75x75; 100x100; 200x100; 200x200
Motion
Full
Degrees of Motion
-15/+15 Tilt; 80 Swivel; -4/+4 Screen Level Adjustment
Maximum Weight Capacity (lbs.)
115
Highlights
REPLACES MODEL
DWM1737MN
Can be used to increase
available desk/table space in
office applications
Fits most flat-panel displays from
17” to 42”
Convenient one-touch display
adjustment for easy view
optimization
Wide range of motion with -15° to
+15° tilt, 80° swivel and -4° to
+4° screen level adjustment
capability
Supports up to 115 lbs.
5-year warranty
Package Includes
DWM1742MN Full-Motion
Flat-Screen Wall Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DWM1742MN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWM1742MA TRIPPLITE-DWM1742MA Datasheet
512Kb / 2P
Full-Motion Wall-Mount w/ Arms for 17 to 42 Flat-Screen Displays
More results

Similar Description - DWM1742MN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SE TRIPPLITE-DWM1327SE Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SP TRIPPLITE-DWM1327SP Datasheet
509Kb / 2P
Full-Motion Wall-Mount w- Screen Level Adjustment for 13 to 27 Flat-Screen Displays
DWM1742MA TRIPPLITE-DWM1742MA Datasheet
512Kb / 2P
Full-Motion Wall-Mount w/ Arms for 17 to 42 Flat-Screen Displays
DWM1742S TRIPPLITE-DWM1742S Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM2655M TRIPPLITE-DWM2655M Datasheet
521Kb / 2P
Full-Motion Wall-Mount for 26 to 55 Flat-Screen Displays
DWM3770X TRIPPLITE-DWM3770X Datasheet
520Kb / 2P
Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
DWM60100XX TRIPPLITE-DWM60100XX Datasheet
534Kb / 2P
Full-Motion Wall-Mount for 60 to 100 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com