Electronic Components Datasheet Search
  English  ▼

X  

DWM2655M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWM2655M
Description  Full-Motion Wall-Mount for 26 to 55 Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM2655M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWM2655M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM2655M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full-Motion Wall-Mount for 26" to 55" Flat-Screen
Displays
MODEL NUMBER: DWM2655M
Description
Tripp Lite’s VESA-compliant DWM2655M Full-Motion Flat-Screen Wall Mount offers full-motion articulation and
can free up valuable space in your workstation by allowing you to effortlessly reposition your display at any time,
even after installation. Its sleek design features convenient one-touch display adjustment with tilt and swivel
capabilities and fits most 26- to 55-inch flat-panel displays. Its durable, all-metal frame with scratch-resistant,
powder-coat finish withstands the stress of repeated use and blends easily into any décor. It comes with all
necessary mounting hardware and supports weights of up to 110 lbs. A built-in bubble level enables accurate display leveling. For peace of mind, the
DWM2655M comes backed by a 5-year warranty.
Specifications
PHYSICAL
Mounting Location
Wall
Unit Weight (lbs.)
18.45
Unit Weight (kg)
8.37
Color
Black
Screen Size Compatibility (in.)
26 - 55
Screen Size Compatibility (cm)
66.04 - 139.70
VESA Pattern (mm)
200x200; 400x200; 300x300; 400x400
Motion
Full
Degrees of Motion
-15/+15 Tilt, 120 Swivel, -5/+5 Level Adjustment
Min/Max Arm Extension (in.)
4.92 min to 20.27 max
Highlights
REPLACES MODEL DWM2342M
Can be used to increase
available desk/table space in
office applications
Fits most flat-panel displays from
26” to 55”
Convenient one-touch display
adjustment for easy view
optimization
Equipped with a bubble level for
accurate display leveling
Wide range of motion with -15° to
+15° tilt and 120° swivel
capability
Supports up to 110 lbs.
5-year warranty
Package Includes
DWM2655M Full-Motion
Flat-Screen Wall Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DWM2655M

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DWM-01-51-T-S-250 SAMTEC-DWM-01-51-T-S-250 Datasheet
395Kb / 1P
MICRO BOARD STACKER
logo
JDS Uniphase Corporatio...
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2722 JDSU-DWM-1F4DS2722 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2723 JDSU-DWM-1F4DS2723 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2724 JDSU-DWM-1F4DS2724 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 100 GHz Spacing
More results

Similar Description - DWM2655M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWF2655X TRIPPLITE-DWF2655X Datasheet
510Kb / 2P
Fixed Wall-Mount for 26 to 55 Flat-Screen Displays
DWM1327SE TRIPPLITE-DWM1327SE Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SP TRIPPLITE-DWM1327SP Datasheet
509Kb / 2P
Full-Motion Wall-Mount w- Screen Level Adjustment for 13 to 27 Flat-Screen Displays
DWM1742MA TRIPPLITE-DWM1742MA Datasheet
512Kb / 2P
Full-Motion Wall-Mount w/ Arms for 17 to 42 Flat-Screen Displays
DWM1742MN TRIPPLITE-DWM1742MN Datasheet
511Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM1742S TRIPPLITE-DWM1742S Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM3770X TRIPPLITE-DWM3770X Datasheet
520Kb / 2P
Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
DWM60100XX TRIPPLITE-DWM60100XX Datasheet
534Kb / 2P
Full-Motion Wall-Mount for 60 to 100 Flat-Screen Displays
DWT2655XE TRIPPLITE-DWT2655XE Datasheet
515Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com