Electronic Components Datasheet Search
  English  ▼

X  

DWM3770X Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWM3770X
Description  Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM3770X Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWM3770X Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM3770X Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full-Motion Wall Mount for 37" to 70" Flat-Screen
Displays
MODEL NUMBER: DWM3770X
Description
Tripp Lite’s VESA-compliant DWM3770X Full-Motion Flat-Screen Wall Mount offers full-motion articulation and
can free up valuable space in your workstation by allowing you to effortlessly reposition your display at any time,
even after installation. Its sleek design features convenient one-touch display adjustment with tilt and swivel
capabilities and fits most 37- to 70-inch flat-panel displays. Its durable, all-metal frame with scratch-resistant,
powder-coat finish withstands the stress of repeated use and blends easily into any décor. It comes with all necessary mounting hardware and supports
weights of up to 165 lbs. A built-in level adjustment ensures perfect positioning. For peace of mind, the DWM3770X comes backed by a 5-year warranty.
Specifications
PHYSICAL
Mounting Location
Wall
Unit Dimensions (hwd / in.)
17.32 x 23.62 x 20.62
Unit Dimensions (hwd / cm)
44.0 x 60.1 x 52.4
Unit Weight (lbs.)
17.38
Unit Weight (kg)
7.88
Color
Black
Screen Size Compatibility (in.)
37 - 70
Screen Size Compatibility (cm)
94.1 - 178.0
VESA Pattern (mm)
200x200; 400x200; 300x300; 400x400; 600x400;
Motion
Full
Degrees of Motion
-15/+15 Tilt, 120 Swivel, -3/+3 Level Adjustment
Highlights
Fits most flat-panel displays from
37" to 70":
Articulated arm with 6 pivots offer
a full range of motion
Convenient one-touch display
adjustment for easy view
optimization
Built in level adjustment ensures
perfect positioning
Wide range of motion with -15° to
+15° tilt and 120° swivel
capability
Supports up to 165 lbs.
5-year warranty
Package Includes
DWM3770X Full-Motion
Flat-Screen Wall Mount
Mounting Hardware
Cardboard installation templete
Owner’s Manual
1 / 2


Similar Part No. - DWM3770X

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
More results

Similar Description - DWM3770X

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWF3770L TRIPPLITE-DWF3770L Datasheet
487Kb / 2P
Fixed Wall-Mount for 37 to 70 Flat-Screen Displays
DWM1327SE TRIPPLITE-DWM1327SE Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SP TRIPPLITE-DWM1327SP Datasheet
509Kb / 2P
Full-Motion Wall-Mount w- Screen Level Adjustment for 13 to 27 Flat-Screen Displays
DWM1742MA TRIPPLITE-DWM1742MA Datasheet
512Kb / 2P
Full-Motion Wall-Mount w/ Arms for 17 to 42 Flat-Screen Displays
DWM1742MN TRIPPLITE-DWM1742MN Datasheet
511Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM1742S TRIPPLITE-DWM1742S Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM2655M TRIPPLITE-DWM2655M Datasheet
521Kb / 2P
Full-Motion Wall-Mount for 26 to 55 Flat-Screen Displays
DWM60100XX TRIPPLITE-DWM60100XX Datasheet
534Kb / 2P
Full-Motion Wall-Mount for 60 to 100 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com