Electronic Components Datasheet Search
  English  ▼

X  

AN303 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN303
Description  The purpose of this note is to familiarize
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN303 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN303 Datasheet HTML 5Page - STMicroelectronics AN303 Datasheet HTML 6Page - STMicroelectronics AN303 Datasheet HTML 7Page - STMicroelectronics AN303 Datasheet HTML 8Page - STMicroelectronics AN303 Datasheet HTML 9Page - STMicroelectronics AN303 Datasheet HTML 10Page - STMicroelectronics AN303 Datasheet HTML 11Page - STMicroelectronics AN303 Datasheet HTML 12Page - STMicroelectronics AN303 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN303
Conclusion
Doc ID 3654 Rev 3
11/13
3
Conclusion
The SCR or TRIAC choice does not depend only on the voltage, the rated current and the
sensitivity. Other parameters must be taken into account to ensure appropriate operation.
Among them, the latching current, IL, plays an important role in many circuits.
The value of this parameter varies with
●
gate current pulse (amplitude, shape and width)
●
temperature
●
control circuit (in the case of sensitive SCRs)
●
direction of current flow
TRIAC and SCR applications, involving highly inductive loads or loads with considerable
power variations, are the main applications for which the latching current must be given
particular consideration.
Taking into account these aspects, the designer can obtain satisfactory operation of the
circuit in industrial applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13