Electronic Components Datasheet Search
  English  ▼

X  

AN1014 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 7Page - STMicroelectronics AN1014 Datasheet HTML 8Page - STMicroelectronics AN1014 Datasheet HTML 9Page - STMicroelectronics AN1014 Datasheet HTML 10Page - STMicroelectronics AN1014 Datasheet HTML 11Page - STMicroelectronics AN1014 Datasheet HTML 12Page - STMicroelectronics AN1014 Datasheet HTML 13Page - STMicroelectronics AN1014 Datasheet HTML 14Page - STMicroelectronics AN1014 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
6.2 EXAMPLE 2: APPLICATION WITH PERIODIC WAKE-UP
This example provides a method for measuring the average current consumed by the micro in
different modes while it cycles continuously through “wake-up” and “sleep” periods. The
measurement is done using the following configuration.
6.2.1 Measurement Configuration
- The PF1 port (through which an external interrupt is applied to MCU) is configured as pull up
interrupt.
- The sensitivity of the interrupt is configured as rising edge.
- Then the capacitor is charged and immediately the MCU is put into the corresponding mode
(Wait, Slow-Wait, Halt) by calling a “WFI” or “HALT” instruction and setting some bits.
- As soon as the capacitor charges to 0.7VDD, the MCU recognizes it as external interrupt and
comes out of low power mode.
- The capacitor is then discharged by setting the PF1 port to Push-Pull Output at low level and
a small delay is then provided to let the capacitor discharge fully before charging it the next
time.
- The MCU is again put into the corresponding low power mode and the same process is re-
peated. The current consumption is measured in continuous interrupted mode.
- In Option Byte, PLL*2 is disabled, CSS is also disabled and LVD is Off.
Figure 2. Hardware Setup
6.2.2 Consumption
The consumption mainly depends on how frequently the MCU wakes up from different low
power modes. The Wake-Up time in turn depends upon the RC time constant. The value of
the Cext is fixed but the internal pull up resistance value varies depending upon the power
supply of the MCU. RPU decreases with the increase of VDD.
CEXT
ei1
RPU
VDD
PF1
mA
VDD
ST72324
VDD
VSS
Vpp/ICCSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com