Electronic Components Datasheet Search
  English  ▼

X  

AN1042 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1042
Description  ST7 ROUTINE FOR I2C SLAVE MODE MANAGEMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1042 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1042 Datasheet HTML 1Page - STMicroelectronics AN1042 Datasheet HTML 2Page - STMicroelectronics AN1042 Datasheet HTML 3Page - STMicroelectronics AN1042 Datasheet HTML 4Page - STMicroelectronics AN1042 Datasheet HTML 5Page - STMicroelectronics AN1042 Datasheet HTML 6Page - STMicroelectronics AN1042 Datasheet HTML 7Page - STMicroelectronics AN1042 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
ST7 ROUTINE FOR I2C SLAVE MODE MANAGEMENT
2 ST7 I2C COMMUNICATION APPLICATION
2.1 HARDWARE CONFIGURATION
The ST7 I2C communication application hardware is composed by a ST72264 microcontroller
used as a slave which communicates with any master through an I2C bus interface.
Figure 3. ST7 I2C Communication Application
2.2 ST7 I2C PERIPHERAL BASIC DRIVERS
In this chapter all registers refer to the ST7 I2C peripheral ones (otherwise specified).
2.2.1 Initialize the I2C peripheral
In this application the initialization of the ST7 I2C peripheral is done completely by software.
First the Control register (CR) is cleared and the Data (DR) and Status (SR1,SR2) registers
are touched to clear all possible pending event.
Then, the peripheral is enabled through the Control register (CR). This action needs to write
twice in the register due to the fact that the Control register (CR) bits can be set only when the
PE enable bit is already set. To allow the peripheral to acknowledge the received data the
ACK bit of the Control register (CR) is set.
2.2.2 Slave Communication on the I2C Bus
First the interface frequency must be configured using the FRi bits in the OAR2 register.For
10 bit addressing mode, user must configure the slave address using the ADD9 and ADD8
bits of the OAR2 register.
To initiate a I2C communication, first a start condition has to be generated and then the se-
lected slave address has to be sent, both by the master. As soon as a start condition is de-
tected, the address is received from the SDA line and sent to the shift register; then it is com-
pared with the address of the interface (OAR1) or the General Call address (if selected by soft-
ware). If the GCAL option is to be implemented, user must enable it by selecting the
GCAL_Add in user customizable part of the code.
ST72F264
I2C
Vdd
Vss
SCL
5V
2x100
Ω
SDA
2x27K
Ω
master
SCL
SDA
Vss
Vdd



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com