Electronic Components Datasheet Search
  English  ▼

X  

UPD6134 Datasheet(PDF) 17 Page - NEC

Part # UPD6134
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6134 Datasheet(HTML) 17 Page - NEC

Back Button UPD6134 Datasheet HTML 13Page - NEC UPD6134 Datasheet HTML 14Page - NEC UPD6134 Datasheet HTML 15Page - NEC UPD6134 Datasheet HTML 16Page - NEC UPD6134 Datasheet HTML 17Page - NEC UPD6134 Datasheet HTML 18Page - NEC UPD6134 Datasheet HTML 19Page - NEC UPD6134 Datasheet HTML 20Page - NEC UPD6134 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
17
µPD6133, 6134
Data Sheet U10454EJ6V0DS00
3.3 Control Register 0 (P3)
Control register 0 consists of 8 bits. The contents that can be controlled are as shown below.
When reset, the register becomes 0000 0011B.
Table 3-4. Control Register 0 (P3)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
—
—
DP (Data pointer)
TCTL
CARY
MOD1
MOD0
DP9
DP8
Set
0
Fixed
Fixed
0
0
1/1
ON
Refer to
value
1
to “0”
to “0”
1
1
1/2
OFF
Table 3-5.
When reset
00000011
b0, b1 : These bits specify the carrier frequency and duty ratio of the REM output.
b2
: This bit specifies the availability of the carrier of the frequency specified by b0 and b1.
“0” = ON (with carrier); “1” = OFF (without carrier; high level)
b3
: This bit changes the carrier frequency and the timer clock’s frequency division ratio.
“0” = 1/1 (carrier frequency: the specified value of b0 and b1; timer clock: fX/8)
“1” = 1/2 (carrier frequency: half of the specified value of b0 and b1; timer clock: fX/16)
Table 3-5. Timer Clock and Carrier Frequency Setup
b3
b2
b1
b0
Timer Clock
Carrier Frequency (Duty Ratio)
0000fX/8
fX (Duty 1/2)
01
fX/8 (Duty 1/2)
10
fX/12 (Duty 1/2)
11
fX/12 (Duty 1/3)
1
××
Without carrier (high level)
1000fX/16
fX/2 (Duty 1/2)
01
fX/16 (Duty 1/2)
10
fX/24 (Duty 1/2)
11
fX/24 (Duty 1/3)
1
××
Without carrier (high level)
b4 and b5
: These bits specify the high-order 2 bits (DP8 and DP9) of ROM’s data pointer.
Remark
×: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com