Electronic Components Datasheet Search
  English  ▼

X  

LTC1062 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1062
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062 Datasheet(HTML) 2 Page - Linear Technology

  LTC1062 Datasheet HTML 1Page - Linear Technology LTC1062 Datasheet HTML 2Page - Linear Technology LTC1062 Datasheet HTML 3Page - Linear Technology LTC1062 Datasheet HTML 4Page - Linear Technology LTC1062 Datasheet HTML 5Page - Linear Technology LTC1062 Datasheet HTML 6Page - Linear Technology LTC1062 Datasheet HTML 7Page - Linear Technology LTC1062 Datasheet HTML 8Page - Linear Technology LTC1062 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1062
1062fd
Total Supply Voltage (V+ to V–) ............................... 18V
Input Voltage at Any Pin ..... V– – 0.3V ≤ VIN ≤ V+ + 0.3V
Operating Temperature Range
LTC1062M (OBSOLETE) ............. –55°C ≤ TA ≤ 125°C
LTC1062C ................................... – 40°C ≤ TA ≤ 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
(Note 1)
The ● denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. V
+ = 5V, V– = –5V, unless otherwise specified. AC output measured at Pin 7,
Figure 1.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
COSC (Pin 5 to V–, Pin 11 in SW16) = 100pF
4.5
7
mA
●
10
mA
Input Frequency Range
0 to 20
kHz
Filter Gain at fIN = 0
fCLK = 100kHz, Pin 4 (Pin 6 in SW16) at V+,
0.00
dB
fIN = 0.5fC (Note 2)
C = 0.01µF, R = 25.78k
– 0.02 –0.3
dB
fIN = fC
●
–2
–3.00
dB
fIN = 2fC
●
–28–30.00
dB
fIN = 4fC
●
–52–60.00
dB
Clock-to-Cutoff Frequency Ratio, fCLK/fC
fCLK = 100kHz, Pin 4 (Pin 6 in SW16) at V
+,100 ±1%
C = 0.01µF, R = 25.78k
Filter Gain at fIN = 16kHz
fCLK = 400kHz, Pin 4 at V+, C = 0.01µF, R = 6.5k
●
–43
–52
dB
fCLK/fC Tempco
fCLK = 400kHz, Pin 4 at V+, C = 0.01µF, R = 6.5k
10
ppm/°C
Filter Output (Pin 7, Pin 13 in SW16) DC Swing
Pin 7/Pin13 (SW16) Buffered with an External Op Amp
●
±3.5
±3.8
V
Clock Feedthrough
1mVP-P
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1062CN8
TJ MAX = 100°C, θJA = 130°C/W
TJ MAX = 150°C, θJA = 90°C/W
LTC1062CSW
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
NC
NC
FB
AGND
V–
NC
NC
NC
NC
BOUT
OUT
V+
COSC
NC
NC
DIVIDER
RATIO
1
2
3
4
8
7
6
5
TOP VIEW
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE 8-LEAD CERDIP
TJ MAX = 150°C, θJA = 100°C/W
LTC1062MJ8
LTC1062CJ8
OBSOLETE PACKAGE
Consider the N8 Package as an Alternate Source
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com