Electronic Components Datasheet Search
  English  ▼

X  

LTC1235 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1235
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235 Datasheet(HTML) 2 Page - Linear Technology

  LTC1235 Datasheet HTML 1Page - Linear Technology LTC1235 Datasheet HTML 2Page - Linear Technology LTC1235 Datasheet HTML 3Page - Linear Technology LTC1235 Datasheet HTML 4Page - Linear Technology LTC1235 Datasheet HTML 5Page - Linear Technology LTC1235 Datasheet HTML 6Page - Linear Technology LTC1235 Datasheet HTML 7Page - Linear Technology LTC1235 Datasheet HTML 8Page - Linear Technology LTC1235 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1235
2
1235fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage
VCC ....................................................... –0.3V to 6.0V
VBATT .................................................... –0.3V to 6.0V
All Other Inputs ........................ –0.3V to (VCC + 0.3V)
Input Current
VCC ..................................................................200mA
VBATT .................................................................50mA
(Notes 1 and 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1235CN#PBF
LTC1235CN#TRPBF
LTC1235CN
16-Lead Plastic DIP
0°C to 70°C
LTC1235CSW#PBF
LTC1235CSW#TRPBF
LTC1235CSW
16-Lead Plastic SOL
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VOUT Output Current ................... Short Circuit Protected
Power Dissipation ...............................................500mW
Operating Temperature Range
LTC1235C ................................................ 0°C to 70°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................. 300°C
1
2
3
4
5
6
7
8
TOP VIEW
WDO
VCC
VOUT
VBATT
GND
LTC1235
CE IN
RESET
N PACKAGE
16-LEAD PLASTIC DIP
9
16
15
14
13
12
11
10
BATT ON
PB RST
LOW LINE
BACKUP
RESET
CE OUT
WDI
PFI
PFO
LTC1235
1
2
3
4
5
6
7
8
TOP VIEW
WDO
VCC
VOUT
VBATT
GND
SW PACKAGE
16-LEAD PLASTIC SOL
CE IN
PRESET
9
16
15
14
13
12
11
10
BATT ON
PB RST
LOW LINE
BACKUP
PRESET
CE OUT
WDI
PFI
PFO
TJMAX = 110°C, θJA = 130°C/W
TJMAX = 110°C, θJA = 130°C/W
CONDITIONS:PCB MOUNT ON FR4 MATERIAL,
STILL AIR AT 25°C COPPER TRACE
PRODUCT SELECTION GUIDE
PINS
RESET
WATCHDOG
TIMER
BATTERY
BACKUP
POWER FAIL
WARNING
RAM WRITE
PROTECT
PUSH-BUTTON
RESET
CONDITIONAL
BATTERY BACKUP
LTC1235
16
X
X
X
X
X
X
X
LTC690
8
X
X
X
X
LTC691
16
X
X
X
X
X
LTC694
8
X
X
X
X
LTC695
16
X
X
X
X
X
LTC699
8
X
X
LTC1232
8
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com