Electronic Components Datasheet Search
  English  ▼

X  

LTC1346A Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1346A
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346A Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1346A Datasheet HTML 4Page - Linear Technology LTC1346A Datasheet HTML 5Page - Linear Technology LTC1346A Datasheet HTML 6Page - Linear Technology LTC1346A Datasheet HTML 7Page - Linear Technology LTC1346A Datasheet HTML 8Page - Linear Technology LTC1346A Datasheet HTML 9Page - Linear Technology LTC1346A Datasheet HTML 10Page - Linear Technology LTC1346A Datasheet HTML 11Page - Linear Technology LTC1346A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1346A
1346afa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIONS INFORMATION
Figure 12a. Multiprotocol Transmitter
LT1030
LTC487
LTC1346A
125
Ω
50
Ω
V.35 DIFFERENTIAL
CONNECTION WITH
TERMINATION
RS422
DIFFERENTIAL
CONNECTION
RS232
CONNECTION
NO CONNECTION
1346A F12a
LOGIC
INPUT
50
Ω
Figure 12b. Multiprotocol Receiver
LTC1346A
1346A F12b
LOGIC
OUTPUT
125
Ω
100
Ω
5k
50
Ω
50
Ω
V.35 DIFFERENTIAL
CONNECTION WITH
TERMINATION
RS422 DIFFERENTIAL
CONNECTION WITH
TERMINATION
RS232
CONNECTION WITH
TERMINATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com