Electronic Components Datasheet Search
  English  ▼

X  

LTC1422 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1422
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1422 Datasheet(HTML) 2 Page - Linear Technology

  LTC1422 Datasheet HTML 1Page - Linear Technology LTC1422 Datasheet HTML 2Page - Linear Technology LTC1422 Datasheet HTML 3Page - Linear Technology LTC1422 Datasheet HTML 4Page - Linear Technology LTC1422 Datasheet HTML 5Page - Linear Technology LTC1422 Datasheet HTML 6Page - Linear Technology LTC1422 Datasheet HTML 7Page - Linear Technology LTC1422 Datasheet HTML 8Page - Linear Technology LTC1422 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1422
1422fb
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
RESET
ON
TIMER
GND
VCC
SENSE
GATE
FB
Supply Voltage (VCC) ........................................... 13.2V
Input Voltage (TIMER, SENSE) ... – 0.3V to (VCC + 0.3V)
Input Voltage (FB, ON) ........................... – 0.3V to 13.2V
Output Voltage (RESET) ........................... – 0.3V to 20V
Output Voltage (GATE) ............................. – 0.3V to 20V
Operating Temperature Range
LTC1422C ............................................... 0
°C to 70°C
LTC1422I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE MAXIMUM RATINGS
LTC1422CN8
LTC1422CS8
LTC1422IN8
LTC1422IS8
S8 PART MARKING
ELECTRICAL CHARACTERISTICS
1422
1422I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
ICC
VCC Supply Current
ON = VCC
q
0.65
1.00
mA
VLKO
VCC Undervoltage Lockout
q
2.40
2.47
2.55
V
VLKH
VCC Undervoltage Lockout Hysteresis
120
mV
VFB
FB Pin Voltage Threshold
q
1.220
1.232
1.244
V
∆VFB
FB Pin Threshold Line Regulation
3V
≤ VCC ≤ 12V
q
0.5
2.5
mV
VFBHST
FB Pin Voltage Threshold Hysteresis
2.0
mV
VTM
TIMER Pin Voltage Threshold
q
1.208
1.232
1.256
V
∆VTM
TIMER Pin Threshold Line Regulation
3V
≤ VCC ≤ 12V
q
215
mV
VTMHST
TIMER Pin Voltage Threshold Hystersis
45
mV
ITM
TIMER Pin Current
Timer On, GND
≤ VTIMER ≤ 1.5V
q
– 2.5
– 2.0
– 1.5
µA
Timer Off, VTIMER = 1.5V
10
mA
VCB
Circuit Breaker Trip Voltage
VCB = (VCC – VSENSE)
q
44
50
64
mV
ICP
GATE Pin Output Current
Charge Pump On, VGATE = GND
q
–12
– 10
– 8
µA
Charge Pump Off, VGATE = VCC
10
mA
∆VGATE
External N-Channel Gate Drive
VGATE – VCC
q
10
12
14
V
VONHI
ON Pin Threshold High
q
1.25
1.30
1.35
V
VONLO
ON Pin Threshold Low
q
1.20
1.23
1.26
V
VONHYST
ON Pin Hysteresis
80
mV
VOL
Output Low Voltage
RESET, IO = 3mA
q
0.14
0.4
V
IPU
Logic Output Pull-Up Current
RESET = GND
– 12
µA
tRST
Soft Reset Time
q
22
30
48
µs
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
(Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com