Electronic Components Datasheet Search
  English  ▼

X  

LTC1472 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1472
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472 Datasheet(HTML) 4 Page - Linear Technology

  LTC1472 Datasheet HTML 1Page - Linear Technology LTC1472 Datasheet HTML 2Page - Linear Technology LTC1472 Datasheet HTML 3Page - Linear Technology LTC1472 Datasheet HTML 4Page - Linear Technology LTC1472 Datasheet HTML 5Page - Linear Technology LTC1472 Datasheet HTML 6Page - Linear Technology LTC1472 Datasheet HTML 7Page - Linear Technology LTC1472 Datasheet HTML 8Page - Linear Technology LTC1472 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1472
1472fa
TYPICAL PERFORMANCE CHARACTERISTICS
5VIN Supply Current (5V ON)
5VIN Supply Current (3.3V ON)
5V Switch Resistance
3VIN Supply Current (3.3V ON)
3VIN Supply Current (OFF)
3.3V Switch Resistance
Inrush Current (3.3V Switch)
Inrush Current (5V Switch)
5VIN Supply Current (OFF)
5VIN SUPPLY VOLTAGE (V)
0
–1
0
1
2
3
5
1
23
4
LTC1472 TPC01
56
4
TA = 25°C VCC(OUT)
PROGRAMMED TO OFF
5VIN SUPPLY VOLTAGE (V)
0
0
50
100
150
200
300
1
23
4
LTC1472 TPC02
56
250
TA = 25°C VCC(OUT)
PROGRAMMED
TO 5V, NO LOAD
3VIN SUPPLY VOLTAGE (V)
0
–1
0
1
2
3
12
3
4
LTC1472 TPC04
4
5
TA = 25°C OUTPUT
PROGRAMMED TO OFF
3VIN SUPPLY VOLTAGE (V)
0
0
20
40
60
80
12
3
4
LTC1472 TPC05
100
120
TA = 25°C VCC(OUT)
PROGRAMMED TO
3.3V, NO LOAD
TIME (ms)
– 0.2
0
1
1.4
LTC1472 TPC09
6
4
0
0.2
0.6
1.0
2
3
2
0
0.4
0.8
1.2
COUT = 150µF
ROUT = 6.6Ω
COUT = 150µF
ROUT = 6.6Ω
COUT = 15µF
ROUT = 6.6Ω
TJ = 25°C
JUNCTION TEMPERATURE (°C)
0
0
0.05
0.10
0.15
0.20
0.25
0.30
25
50
75
100
LT1472 TPC07
125
VCC(OUT)
PROGRAMMED
TO 3.3V
TIME (ms)
– 0.2
0
1
1.4
LTC1472 TPC08
6
4
0
0.2
0.6
1.0
2
3
2
0
0.4
0.8
1.2
COUT = 150µF
ROUT = 10Ω
COUT = 15µF
ROUT = 10Ω
TJ = 25°C
CURRENT
LIMITED
5VIN SUPPLY VOLTAGE (V)
0
0
50
100
150
200
300
1
23
4
LTC1472 TPC03
56
250
TA = 25°C VCC(OUT)
PROGRAMMED
TO 3.3V, NO LOAD
JUNCTION TEMPERATURE (°C)
0
0
0.05
0.10
0.15
0.20
0.25
0.30
25
50
75
100
LT1472 TPC06
125
VCC(OUT)
PROGRAMMED
TO 5V
(VCC Section) VPP EN0 = VPP EN1 = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com