Electronic Components Datasheet Search
  English  ▼

X  

LTC1590 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1590
Description  Dual Serial 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1590 Datasheet(HTML) 2 Page - Linear Technology

  LTC1590 Datasheet HTML 1Page - Linear Technology LTC1590 Datasheet HTML 2Page - Linear Technology LTC1590 Datasheet HTML 3Page - Linear Technology LTC1590 Datasheet HTML 4Page - Linear Technology LTC1590 Datasheet HTML 5Page - Linear Technology LTC1590 Datasheet HTML 6Page - Linear Technology LTC1590 Datasheet HTML 7Page - Linear Technology LTC1590 Datasheet HTML 8Page - Linear Technology LTC1590 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1590
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER I FOR ATIO
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
VCC to AGND ............................................... – 0.5V to 7V
VCC to DGND .............................................. – 0.5V to 7V
AGND to DGND ............................................. VCC + 0.5V
DGND to AGND .............................................. VCC + 0.5V
VREF to AGND ........................................................ ±25V
RFB to AGND .......................................................... ±25V
Digital Inputs to DGND ................... – 0.5V to VCC + 0.5V
VOUT1, VOUT2 to AGND .................... – 0.5V to VCC + 0.5V
Maximum Junction Temperature .......................... 150
°C
Operating Temperature Range
LTC1590C ................................................ 0
°C to 70°C
LTC1590I ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
LTC1590CN
LTC1590CS
LTC1590IN
LTC1590IS
ORDER PART
NUMBER
VCC = 4.5V to 5.5V, VREF = 10V, VOUT1 = VOUT2 = AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
TJMAX = 150°C, θJA = 100°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VREF B
RFB B
OUT1 B
OUT2 B
OUT2 A
OUT1 A
AGND
RFB A
VCC
CLR
CLK
DIN
DOUT
CS/LD
DGND
VREF A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Accuracy
Resolution
q
12
Bits
INL
Integral Nonlinearity
(Note 1)
q
± 0.5
LSB
DNL
Differential Nonlinearity
Guaranteed Monotonic, TMIN to TMAX
q
± 0.5
LSB
GE
Gain Error
(Note 2), TA = 25°C
±1
LSB
TMIN to TMAX
q
±2
LSB
Gain Temperature Coefficient
(Note 3)
∆Gain/∆Temperature
q
1
5
ppm/
°C
ILEAKAGE
OUT1 A, OUT1 B Leakage Current
(Note 4), TA = 25°C
±5nA
TMIN to TMAX
q
±25
nA
Zero-Scale Error
TA = 25°C
±0.03
LSB
TMIN to TMAX
q
±0.15
LSB
PSRR
Power Supply Rejection
VCC = 5V ±10%
q
±0.0001 ±0.002
%/%
Reference Input
RREF
VREF Input Resistance
q
811
15
k
Ω
VREFA, VREFB Input Resistance Match
q
3%
AC Performance (Note 3)
Digital-to-Analog Glitch Impulse
(Notes 5, 6)
1
nV-s
Multiplying Feedthrough Error
(Note 11)
– 89
– 80
dB
Output Current Settling Time
(Note 5) To 0.01% for Full-Scale Change
0.3
0.8
µs
Channel-to-Channel Isolation
(Note 7)
– 90
dB
Digital Crosstalk
(Notes 5, 8)
1
nV-s
Output Noise Voltage Density
(Note 9)
13
nV/
√Hz
THD
Total Harmonic Distortion
(Note 10)
– 108
– 92
dB
Multiplying Bandwidth
(Note 12)
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com