Electronic Components Datasheet Search
  English  ▼

X  

LTC1606 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1606
Description  16-Bit, 250ksps, Single Supply ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1606 Datasheet HTML 3Page - Linear Technology LTC1606 Datasheet HTML 4Page - Linear Technology LTC1606 Datasheet HTML 5Page - Linear Technology LTC1606 Datasheet HTML 6Page - Linear Technology LTC1606 Datasheet HTML 7Page - Linear Technology LTC1606 Datasheet HTML 8Page - Linear Technology LTC1606 Datasheet HTML 9Page - Linear Technology LTC1606 Datasheet HTML 10Page - Linear Technology LTC1606 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1606
1606fa
VIN (Pin 1): Analog Input. Connect through a 200Ω
resistor to the analog input. Full-scale input range is
±10V.
AGND1 (Pin 2): Analog Ground. Tie to analog ground
plane.
REF (Pin 3): 2.5V Reference Output. Bypass with 2.2
µF
tantalum capacitor. Can be driven with an external
reference.
CAP (Pin 4): Reference Buffer Output. Bypass with 10
µF
tantalum capacitor. The capacitor output voltage is 4.096V
when REF = 2.5V.
AGND2 (Pin 5): Analog Ground. Tie to analog ground
plane.
D15 to D8 (Pins 6 to 13): Three-State Data Outputs.
Hi-Z state when CS is high or when R/C is low.
DGND (Pin 14): Digital Ground.
D7 to D0 (Pins 15 to 22): Three-State Data Outputs.
Hi-Z state when CS is high or when R/C is low.
BYTE (Pin 23): Byte Select. With BYTE low, data will be
output with Pin 6 (D15) being the MSB and Pin 22 (D0)
being the LSB. With BYTE high, the upper eight bits and
the lower eight bits will be switched. The MSB is output
on Pin 15 and bit 8 is output on Pin 22. Bit 7 is output on
Pin 6 and the LSB is output on Pin 13.
R/C (Pin 24): Read/Convert Input. With CS low, a falling
edge on R/C puts the internal sample-and-hold into the
hold state and starts a conversion. With CS low, a rising
edge on R/C enables the output data bits.
CS (Pin 25): Chip Select. Internally OR’d with R/C. With
R/C low, a falling edge on CS will initiate a conversion.
With R/C high, a falling edge on CS will enable the output
data.
BUSY (Pin 26): Output Shows Converter Status. It is low
when a conversion is in progress. Data valid on the rising
edge of BUSY. CS or R/C must be high when BUSY rises
or another conversion will start without time for signal
acquisition.
VANA (Pin 27): 5V Analog Supply. Bypass to ground with
a 0.1
µF ceramic and a 10µF tantalum capacitor.
VDIG (Pin 28): 5V Digital Supply. Connect directly to
Pin 27.
PI FU CTIO S
16-BIT CAPACITIVE DAC
COMP
REF BUF
1.64x
2.5V REF
CAP
(4.096V)
CSAMPLE
CSAMPLE
•
•
•
D15
D0
BUSY
CONTROL LOGIC
R/C
BYTE
INTERNAL
CLOCK
CS
ZEROING SWITCHES
VDIG
VANA
VIN
REF
AGND1
AGND2
DGND
16
1606 BD
+
–
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
4k
7.35k
2.5k
9k
FU CTIO AL BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com