Electronic Components Datasheet Search
  English  ▼

X  

LTC1626 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1626
Description  Low Voltage, High Efficiency Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1626 Datasheet(HTML) 1 Page - Linear Technology

  LTC1626 Datasheet HTML 1Page - Linear Technology LTC1626 Datasheet HTML 2Page - Linear Technology LTC1626 Datasheet HTML 3Page - Linear Technology LTC1626 Datasheet HTML 4Page - Linear Technology LTC1626 Datasheet HTML 5Page - Linear Technology LTC1626 Datasheet HTML 6Page - Linear Technology LTC1626 Datasheet HTML 7Page - Linear Technology LTC1626 Datasheet HTML 8Page - Linear Technology LTC1626 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1626
Low Voltage, High Efficiency
Step-Down DC/DC Converter
FEATURES
DESCRIPTION
The LTC®1626 is a monolithic, low voltage, step-down
current mode DC/DC converter featuring Burst ModeTM
operation at low output current.
The input supply voltage range of 2.5V to 6V makes the
LTC1626 ideal for single cell Li-Ion and 3- or 4-cell NiCd/
NiMH applications. A built-in 0.32
Ω switch (VIN = 4.5V)
allows up to 0.6A of output current.
The LTC1626 incorporates automatic power saving Burst
Mode operation to reduce gate charge losses when the
load current drops below the level required for continuous
operation. With no load, the converter draws only 165
µA.
In shutdown, it draws a mere 0.5
µA—making it ideal for
current sensitive applications.
Theinductorcurrentisuser-programmableviaanexternal
current sense resistor. In dropout, the internal P-channel
MOSFET switch is turned on continuously, maximizing
battery life.
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
Figure 1. High Efficiency 2.5V Step-Down Converter
OUTPUT CURRENT (A)
0.01
100
95
90
85
80
75
70
0.1
1
1626 F01a
VIN = 3.5V
L1 = 33
µH
VOUT = 2.5V
RSENSE = 0.1Ω
CT = 270pF
Efficiency
+
PWR VIN VIN
SGND
D1
MBRS130LT
0.1
µF
* COILTRONICS CTX33-4
** IRC 1206-R100F
† AVX TPSD476KO16
†† AVX TPSC107M006R0150
CT
270pF
470
Ω
1000pF
3900pF
10k
1626 F01
10k
100pF
L*
33
µH
RSENSE**
0.1
Ω
VOUT
2.5V
0.25A
COUT††
100
µF
6.3V
VIN
2.7V TO 6V
CIN†
47
µF
16V
SW
LTC1626
SHDN
PGND
SENSE+
SENSE–
ITH
CT
VFB
+
I
Single Cell Li-Ion Step-Down Converters
I
3- or 4-Cell NiMH Step-Down Converters
I
Cellular Telephones
I
5V to 3.3V Conversion
I
3.3V to 2.5V Conversion
I
Inverting Converters
I
Portable Instruments
APPLICATIONS
I
Wide Input Supply Voltage Range: 2.5V to 6V
I
High Efficiency: Up to 95%
I
Low RDS(ON) Internal Switch: 0.32Ω (VIN = 4.5V)
I
Current Mode Operation for Excellent Line and Load
Transient Response
I
Short-Circuit Protected
I
Low Dropout Operation: 100% Duty Cycle
I
Built-In Low-Battery Detector
I
Low Quiescent Current at Light Loads: IQ = 165µA
I
Ultralow Shutdown Current: IQ = 0.5µA
I
Peak Inductor Current Independent of Inductor Value
I
Available in 14-Pin SO Package
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC1626

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1626 LINER-LTC1626 Datasheet
280Kb / 12P
Low Voltage, High Efficiency Step-Down DC/DC Converter
LTC1626CS LINER-LTC1626CS Datasheet
280Kb / 12P
Low Voltage, High Efficiency Step-Down DC/DC Converter
More results

Similar Description - LTC1626

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
High-Efficiency, Step-Down DC/DC Converter
logo
Linear Technology
LTC1626 LINER-LTC1626 Datasheet
280Kb / 12P
Low Voltage, High Efficiency Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com