Electronic Components Datasheet Search
  English  ▼

X  

LTC1642 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1642
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1642 Datasheet HTML 8Page - Linear Technology LTC1642 Datasheet HTML 9Page - Linear Technology LTC1642 Datasheet HTML 10Page - Linear Technology LTC1642 Datasheet HTML 11Page - Linear Technology LTC1642 Datasheet HTML 12Page - Linear Technology LTC1642 Datasheet HTML 13Page - Linear Technology LTC1642 Datasheet HTML 14Page - Linear Technology LTC1642 Datasheet HTML 15Page - Linear Technology LTC1642 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1642
1642fb
APPLICATIO S I FOR ATIO
The undervoltage monitor behaves differently if FB is
above its threshold when the GATE begins ramping:
RESET goes high as soon as the GATE ramp begins.
RESET goes low immediately if VCC falls below the chip’s
2.5V internal undervoltage lockout threshold.
To disable the undervoltage monitor, tie FB to REF and
ground RESET.
D1
1N4705
18V
GATE
ON
14
SENSE
15
FB
7
RESET
5
4
VCC
16
R2
0.015
Ω
Q1
FDS6630A
GND
LTC1642
8
RST TMR
3
1642 F12
R3
100
Ω
R4
330
Ω
C2
0.047
µF
R9
95.3k
1%
R8
12.4k
1%
+
C1
0.33
µF
ALL RESISTORS
±5% UNLESS NOTED.
FB COMPARATOR TRIPS AT VOUT = 10.7V
VIN
12V
2.5A
VOUT
CLOAD
Figure 12. Undervoltage Monitoring Circuitry
Figure 13. Supply Monitor Waveforms
REFERENCE CURRENT
100
µA
1mA
10mA
1642 F14
0.1
0.2
0.4
1.0
2.0
4.0
10.0
Figure 14. Minimum REF Compensation vs REF Current
Reference
The LTC1642’s internal voltage reference is buffered and
brought out to the REF pin. The buffer amplifier should be
compensated with a capacitor connected between REF
and ground. If no DC current is drawn from REF, 0.1
µF
ensures an adequate phase margin, but the minimum
compensation increases if REF sources a substantial DC
current, as shown in Figure 14.
t1
t2 t3
t4
t5
250ms/DIV
1642 F09
VIN
20V/DIV
VRSTTMR
1V/DIV
VRESET
10V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com