Electronic Components Datasheet Search
  English  ▼

X  

LTC1657L Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1657L
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657L Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1657L Datasheet HTML 8Page - Linear Technology LTC1657L Datasheet HTML 9Page - Linear Technology LTC1657L Datasheet HTML 10Page - Linear Technology LTC1657L Datasheet HTML 11Page - Linear Technology LTC1657L Datasheet HTML 12Page - Linear Technology LTC1657L Datasheet HTML 13Page - Linear Technology LTC1657L Datasheet HTML 14Page - Linear Technology LTC1657L Datasheet HTML 15Page - Linear Technology LTC1657L Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1657/LTC1657L
This circuit shows a digitally programmable current source
from an external voltage source using an external op amp,
an LT1218 and an NPN transistor (2N3440). Any digital
word from 0 to 65535 is loaded into the LTC1657 and its
output correspondingly swings from 0V to 4.096V. This
voltage will be forced across the resistor RA. If RA is
chosen to be 412
Ω, the output current will range from
0mA at zero scale to 10mA at full scale. The minimum
voltage for VS is determined by the load resistor RL and
Q1’s VCESAT voltage. With a load resistor of 50Ω, the
voltage source can be 5V.
0.1
µF
5V
1657 TA04
5V < VS < 100V
FOR RL ≤ 50Ω
Q1
2N3440
RA
412
Ω
1%
RL
IOUT =
≈ 0mA TO 10mA
(DIN)(4.096)
(65536)(RA)
DATA (0:15)
CSLSB
CSMSB
WR
LDAC
CLR
GND
VCC
REFOUT
REFHI
REFLO
X1/X2
LTC1657
µP
7
6
4
26
21
20
22
23
25
3
5:19
2
3
1
28
27
2
VOUT
–
+
LT1218
Digitally Programmable Current Source
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com