Electronic Components Datasheet Search
  English  ▼

X  

LTC1701B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1701B
Description  1MHz Step-Down DC/DC Converters in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701B Datasheet(HTML) 2 Page - Linear Technology

  LTC1701B Datasheet HTML 1Page - Linear Technology LTC1701B Datasheet HTML 2Page - Linear Technology LTC1701B Datasheet HTML 3Page - Linear Technology LTC1701B Datasheet HTML 4Page - Linear Technology LTC1701B Datasheet HTML 5Page - Linear Technology LTC1701B Datasheet HTML 6Page - Linear Technology LTC1701B Datasheet HTML 7Page - Linear Technology LTC1701B Datasheet HTML 8Page - Linear Technology LTC1701B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1701/LTC1701B
ORDER PART
NUMBER
S5 PART
MARKING
TJMAX = 125°C, θJA = 250°C/W
Consult factory for parts specified with wider operating temperature ranges.
LTKG
LTUD
LTC1701ES5
LTC1701BES5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Voltages Referred to GND Pin)
VIN Voltage (Pin 5).......................................– 0.3V to 6V
ITH/RUN Voltage (Pin 4) ..............................– 0.3V to 3V
VFB Voltage (Pin 3) ......................................– 0.3V to 3V
VIN – SW (Max Switch Voltage) ................8.5V to –0.3V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 5) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, RITH/RUN = 1Meg (from VIN to ITH/RUN) unless otherwise
specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.5
5.5
V
IFB
Feedback Pin Input Current
(Note 3)
±0.1
µA
VFB
Feedback Voltage
(Note 3)
q
1.22
1.25
1.28
V
∆VLINE REG
Reference Voltage Line Regulation
VIN = 2.5V to 5V (Note 3)
0.04
0.1
%/V
∆VLOAD REG
Output Voltage Load Regulation
Measured in Servo Loop, VITH = 1.5V, (Note 3)
0.01
0.70
%
Measured in Servo Loop, VITH = 1.9V, (Note 3)
– 0.80
–1.50
%
Input DC Supply Current (Note 4)
Active Mode
VFB = 0V
185
300
µA
Sleep Mode
VFB = 1.4V (LTC1701 only)
135
200
µA
Shutdown
VITH/RUN = 0V
0.25
1
µA
VITH/RUN
Run Threshold High
ITH/RUN Ramping Down
1.4
1.6
V
Run Threshold Low
ITH/RUN Ramping Up
0.3
0.6
V
IITH/RUN
Run Pullup Current
VITH/RUN = 1V
50
100
300
µA
ISW(PEAK)
Peak Switch Current Threshold
VFB = 0V
0.9
1.1
A
RDS(ON)
Switch ON Resistance
VIN = 5V, VFB = 0V
0.28
Ω
VIN = 3.3V, VFB = 0V
0.30
Ω
VIN = 2.5V, VFB = 0V
0.35
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VITH/RUN = 0V, VFB = 0V
0.01
1
µA
tOFF
Switch Off-Time
400
500
600
ns
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1701E/LTC1701BE guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: The LTC1701/LTC1701B are tested in a feedback loop which
servos VFB to the midpoint for the error amplifier without RITH/RUN = 1MHz
(VITH = 1.7V unless otherwise specified).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient TA and power dissipation PD
according to the following formula:
LTC1701ES5/LTC1701BES5: TJ = TA + (PD • 250°C/W)
SW 1
GND 2
VFB 3
5 VIN
4 ITH/RUN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
SEE THE APPLICATION
INFORMATION SECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com