Electronic Components Datasheet Search
  English  ▼

X  

LTC7543 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7543
Description  Improved Industry Standard Serial 12-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7543 Datasheet(HTML) 2 Page - Linear Technology

  LTC7543 Datasheet HTML 1Page - Linear Technology LTC7543 Datasheet HTML 2Page - Linear Technology LTC7543 Datasheet HTML 3Page - Linear Technology LTC7543 Datasheet HTML 4Page - Linear Technology LTC7543 Datasheet HTML 5Page - Linear Technology LTC7543 Datasheet HTML 6Page - Linear Technology LTC7543 Datasheet HTML 7Page - Linear Technology LTC7543 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC7543/LTC8143
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
VDD to AGND .............................................. –0.5V to 7V
VDD to DGND .............................................. –0.5V to 7V
AGND to DGND ............................................ VDD + 0.5V
DGND to AGND ............................................ VDD + 0.5V
Digital Inputs to DGND ............... – 0.5V to (VDD + 0.5V)
VOUT1, VOUT2 to AGND ................. –0.5V to (VDD + 0.5V)
VREF to AGND, DGND............................................ ±25V
VRFB to AGND, DGND ........................................... ±25V
Maximum Junction Temperature .......................... 150
°C
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC7543GKN
LTC7543KN
LTC7543GKSW
LTC7543KSW
LTC8143EN
LTC8143FN
LTC8143ESW
LTC8143FSW
ORDER PART
NUMBER
Consult factory for Military grade parts.
TJMAX = 150°C, θJA = 100°C/ W (N)
TJMAX = 150°C, θJA = 130°C/ W (SW)
VDD = 5V, VREF = 10V, VOUT1 = VOUT2 = AGND = DGND =0V, TA = TMIN to TMAX, unless otherwise specified.
ACCURACY CHARACTERISTICS –
LTC7543GK
LTC7543K
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
q
12
12
Bits
INL
Integral Nonlinearity
(Note 1)
q
±0.5
±0.5
LSB
(Relative Accuracy)
DNL
Differential Nonlinearity
Guaranteed Monotonic, TMIN to TMAX
q
±0.5
±0.5
LSB
GE
Gain Error
(Note 2)
TA = 25°C
±1
±2
LSB
TMIN to TMAX
q
±1
±2
LSB
Gain Temperature Coefficient
(Note 3)
q
15
15
ppm/
°C
(
∆Gain/∆Temp)
ILKG
Output Leakage Current
(Note 4)
TA = 25°C
±1
±1nA
TMIN to TMAX
q
±10
±10
nA
Zero-Scale Error
TA = 25°C
±0.006
±0.006
LSB
TMIN to TMAX
q
±0.06
±0.06
LSB
PSRR
Power Supply Rejection Ratio VDD = 5V ±5%
q
±0.0001 ±0.002
±0.0001 ±0.002
%/%
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
OUT 1
OUT 2
AGND
STB1
LD1
SRI
STB2
RFB
VREF
VDD
CLR
DGND
STB4
STB3
LD2
NC (LTC7543)
SRO (LTC8143)
LTC7543



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com