Electronic Components Datasheet Search
  English  ▼

X  

UPD62MC Datasheet(PDF) 52 Page - NEC

Part # UPD62MC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD62MC Datasheet(HTML) 52 Page - NEC

Back Button UPD62MC Datasheet HTML 48Page - NEC UPD62MC Datasheet HTML 49Page - NEC UPD62MC Datasheet HTML 50Page - NEC UPD62MC Datasheet HTML 51Page - NEC UPD62MC Datasheet HTML 52Page - NEC UPD62MC Datasheet HTML 53Page - NEC UPD62MC Datasheet HTML 54Page - NEC UPD62MC Datasheet HTML 55Page - NEC UPD62MC Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
52
µPD62
Data Sheet U14208EJ1V0DS00
Recommended Ceramic Resonator (TA = –40 to +85 ˚C)
(2/2)
Manufacturer
Recommended Constant
Power Supply
(Order Disregarded)
Part Number
Voltage [V]Note
Remark
C1 [pF]
C2 [pF]
Rd [k
Ω]
MIN.
MAX.
Kyocera Corp.
KBR-2.5MS
33
33
0
1.8
3.6
KBR-3.58MSB
33
33
0
1.8
3.6
KBR-3.58MKC
Unnecessary
0
1.8
3.6
(C-containing type)
KBR-4.0MSB
33
33
0
1.8
3.6
KBR-4.0MKC
Unnecessary
0
1.8
3.6
(C-containing type)
KBR-6.0MSB
33
33
0
2.2
3.6
KBR-6.0MKC
Unnecessary
0
2.2
3.6
(C-containing type)
KBR-8.0M
33
33
0
2.2
3.6
PBRC3.58A
33
33
0
1.8
3.6
Surface-mount type
PBRC3.58B
Unnecessary
0
1.8
3.6
(C-containing type)
PBRC4.00A
33
33
0
1.8
3.6
PBRC4.00B
Unnecessary
0
1.8
3.6
(C-containing type)
PBRC6.00A
33
33
0
2.2
3.6
PBRC6.00B
Unnecessary
0
2.2
3.6
(C-containing type)
Note When a POC circuit (mask option) is not incorporated
An external circuit example
XIN
XOUT
C1
C2
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com