Electronic Components Datasheet Search
  English  ▼

X  

DB25ALL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DB25ALL
Description  Datashield Serial In-Line Surge Protector, DB25
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DB25ALL Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DB25ALL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DB25ALL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datashield Serial In-Line Surge Protector, DB25
MODEL NUMBER: DB25-ALL
Description
Tripp Lite's DB25-ALL offers dataline surge suppression for any DB25 serial port, regardless of cable configurations. Connects and protects all 25 pins plus D
shell chassis for universal protection of any DB25 application. User configurable for use with male or female captive DB25 port. Convenient DB25 input and
output connects directly to the protected port, obtaining a ground outlet from the computer chassis. Surge suppression is handled with balanced arrays of
high-speed avalanche diodes that divert excess energies created by electrostatic discharges, faulty wiring or lightning away from network interface
connections. Tripp Lite network surge suppressors reduce blown interface connections, garbled transmissions, system lock-ups and hard equipment failure by
safely shunting dataline surges to ground.
SUPPRESSION: Reversible DB9 m/f jacks, protects pins 1-25 and chassis, 18V clamping
Features
DB25 protects 25 pin serial connections for dataline surge suppression of data terminal, data communications equipment and PCs, printers, modems and
more
Reversible for use with male or female captive DB25 ports
Offers protection on all 25 data lines, plus D shell chassis
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to ground
Specifications
OUTPUT
Output Receptacles
(1) Network
Circuit Breaker (amps)
340
USB Charging
No
INPUT
Highlights
Complete serial port (DB25)
surge protection
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
Applications
Ideal for the protection of data
terminals, data communications
equipment, PCs, printers,
modems and more.
Package Includes
DB25-ALL dataline protector
Instruction manual and warranty
information
1 / 2


Similar Part No. - DB25ALL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DB25 TRIPPLITE-DB25 Datasheet
158Kb / 3P
In-Line DB25 Surge Suppressor (Pins 1-8, 20 & D Shell Chassis)
logo
Diotec Semiconductor
DB25-005 DIOTEC-DB25-005 Datasheet
179Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB25-005 SEMIKRON-DB25-005 Datasheet
229Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB25-005 DIOTEC-DB25-005 Datasheet
97Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB25-005 SEMIKRON-DB25-005 Datasheet
232Kb / 2P
Three-Phase Si-Bridge Rectifiers
More results

Similar Description - DB25ALL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R-781BWZ-4 OKAYA-R-781BWZ-4 Datasheet
414Kb / 2P
SURGE PROTECTOR
R-411PVF OKAYA-R-411PVF Datasheet
213Kb / 1P
SURGE PROTECTOR
logo
Bourns Electronic Solut...
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
Surge Protector
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DB25-ALL TRIPPLITE-DB25-ALL Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
DSUT1CSU TRIPPLITE-DSUT1CSU Datasheet
154Kb / 3P
Datashield In-Line Surge Protector for Network and Digital/Leased Lines, T-1, ISDN, 1-Set RJ11/45/48
DTEL2 TRIPPLITE-DTEL2 Datasheet
168Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
DB25 TRIPPLITE-DB25 Datasheet
158Kb / 3P
In-Line DB25 Surge Suppressor (Pins 1-8, 20 & D Shell Chassis)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com