Electronic Components Datasheet Search
  English  ▼

X  

PVINT375 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PVINT375
Description  375W PowerVerter Ultra-Compact Car Inverter with 1 Universal 230V 50Hz Outlet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PVINT375 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PVINT375 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PVINT375 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PVINT375 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output Receptacles
(1) Universal outlets
Output (Watts)
375
Continuous Output Capacity (Watts)
375
Peak Output Capacity (Watts)
600
Output Nominal Voltage
230V
Output Voltage Regulation
Maintains PWM sine wave output voltage of 230V AC (+/- 10 %)
Output Frequency Regulation
50 Hz (+/- 5 %)
Overload Protection
Via 40A automotive input fuse
Pure Sine Wave Output
No
INPUT
Maximum Input Amps / Watts
Full continuous load - 25A at 12VDC, No load - 0.24A at 12VDC
Input Connection Type
12VDC cigarette lighter input plug connection
Input Cord Length Details
1 meter hardwire input cable, 2 mm, 2 wire
Voltage Compatibility (VDC)
12
BATTERY
DC System Voltage (VDC)
12
USER INTERFACE, ALERTS & CONTROLS
Switches
Lighted on/off power switch
Audible Alarm
Dual function alarm indicates overload conditions or low DC input voltage of 10.5V or less.
PHYSICAL
Shipping Dimensions (hwd / in.)
10.75 x 8.5 x 2.5
Shipping Dimensions (hwd / cm)
27.31 x 21.59 x 6.35
Shipping Weight (lbs.)
2.4
Shipping Weight (kg)
1.1
Unit Dimensions (hwd / in.)
2 x 4.25 x 7.75
Unit Dimensions (hwd / cm)
5.08 x 10.8 x 19.69
Unit Weight (lbs.)
2
Unit Weight (kg)
.91
Cooling Method
Fan
Material of Construction
Aluminum / sheet metal
ENVIRONMENTAL
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com