Electronic Components Datasheet Search
  English  ▼

X  

SR12UB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR12UB
Description  12U SmartRack Deep Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR12UB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR12UB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR12UB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR12UB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
32.5
Installed Whole System Maximum
Rack Depth (cm)
82.6
Installed Whole System Minimum
Rack Depth (in.)
3
Installed Whole System Minimum
Rack Depth (cm)
7.62
Rack Height (U Spaces)
12
Shipping Dimensions (hwd / in.)
29.7 x 27 x 36.6
Shipping Dimensions (hwd / cm)
75.44x 68.58 x 92.96
Shipping Weight (lbs.)
123
Shipping Weight (kg)
55.79
Unit Dimensions (hwd / in.)
25.1 x 23.63 x 33.5
Unit Dimensions (hwd / cm)
63.75 x 60 x 85.09
Unit Weight (lbs.)
105
Unit Weight (kg)
47.63
Unit Dimensions (cm)
63.75 x 60.02 x 85.09
Color
Black
Weight Capacity - Stationary (lbs.)
1,000
Weight Capacity - Stationary (kg)
453.59
Factory Preset Rack Depth (in.)
28.31
Factory Preset Rack Depth (cm)
71.91
Cable Access Hole Measurement
(inches)
9.812 x 2.35 (l x w)
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
Seismic Rack
No
CERTIFICATIONS
Certifications
EIA-310-E
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com