Electronic Components Datasheet Search
  English  ▼

X  

SR25UBEXP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR25UBEXP
Description  25U SmartRack Standard-Depth Rack Enclosure Cabinet, Expansion Version - side panels not included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR25UBEXP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR25UBEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR25UBEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR25UBEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
25U SmartRack Standard-Depth Rack Enclosure
Cabinet, Expansion Version - side panels not
included
MODEL NUMBER: SR25UBEXP
Description
The SR25UBEXP is an expansion model used when several cabinets are bayed together. It has doors and a
roof but no side panels. Its integrated baying tabs make it easy to combine multiple enclosures in rows fro data
center application. The SR25UBEXP is also compatible with hot aisle/cold aisle configurations.
The SR25UBEXP houses 3000lbs of standard 19-inch rack equipment in 25U. Offers vendor-neutral square
hole/cage nut mounting for guaranteed compatibility with all EIA-310-E compliant 19" equipment. Its front and
rear pairs of vertical rails are adjustable in quarter-inch increments from 4 to 37 inches. Adjustment is quick and an easy-view depth index ensures consistent
rail placement without requiring time-consuming measurements. Each rack space within the enclosure is numbered for ready reference. Two of these
adjustable vertical mounting rails support toolless button-mount 0U installation of up to four compatible PDUs and cable managers. This feature makes it easier
to route cabling to rack equipment and reduces cord clutter.
The top panel of the SR25UBEXP is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR25UBEXP is open-bottom.
All components of the SR25UBEXP are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility
earth ground. The removable front and rear doors feature quick-release ground wires.
To simplify deployment, the SR25UBEXP comes with preinstalled casters that enable it to be easily maneuvered into the desired location, where it can be
secured by adjusting the preinstalled levelers. Note: the casters are intended for minor position adjustments and are not designed for moving the enclosure
over long distances.
Features
Ships fully assembled for rapid deployment and roll into place on heavy-duty pre-installed casters (casters are removable)
Front and rear sets of equipment mounting rails adjust in 1/4" increments. Adjustment is quick and convenient. The easy-view depth index ensures
Highlights
25U SmartRack enclosure with
doors and NO side panels. 'EXP'
version is an expansion model
for when several cabinets are
bayed together
4 interior vertical posts with
unthreaded square hole openings
Standard 24" (600mm) width and
42" (1050mm) depth for
optimizing floor space
Ships fully assembled
Massive front to rear ventilation
capacity
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors
Rolls through standard 7 foot
doorway
Package Includes
SR25UBEXP
Keys
Owner's Manual
Mounting Hardware
1 / 3


Similar Part No. - SR25UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR25UBAC TRIPPLITE-SR25UBAC Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR25UBSD3 TRIPPLITE-SR25UBSD3 Datasheet
176Kb / 4P
25U SmartRack Shallow-Depth Half-Height Rack Enclosure, Doors, Side Panels, Heavy-Duty Casters
SR25UBSP TRIPPLITE-SR25UBSP Datasheet
500Kb / 3P
25U SmartRack Stand-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
More results

Similar Description - SR25UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR25UBSP TRIPPLITE-SR25UBSP Datasheet
500Kb / 3P
25U SmartRack Stand-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
SR42UBEXP TRIPPLITE-SR42UBEXP Datasheet
485Kb / 3P
42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
SR42UBMDEXP TRIPPLITE-SR42UBMDEXP Datasheet
488Kb / 3P
42U SmartRack Mid-Depth Expansion Rack - side panels not included
SR42UWEXP TRIPPLITE-SR42UWEXP Datasheet
522Kb / 3P
42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR25UBSP1 TRIPPLITE-SR25UBSP1 Datasheet
176Kb / 4P
25U SmartRack Standard-Depth Rack Enclosure Cabinet with doors/side panels & shock pallet shipping
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com