Electronic Components Datasheet Search
  English  ▼

X  

AN1105 Datasheet(PDF) 82 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 78Page - STMicroelectronics AN1105 Datasheet HTML 79Page - STMicroelectronics AN1105 Datasheet HTML 80Page - STMicroelectronics AN1105 Datasheet HTML 81Page - STMicroelectronics AN1105 Datasheet HTML 82Page - STMicroelectronics AN1105 Datasheet HTML 83Page - STMicroelectronics AN1105 Datasheet HTML 84Page - STMicroelectronics AN1105 Datasheet HTML 85Page - STMicroelectronics AN1105 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
82/100
ST7 pCAN PERIPHERAL DRIVER
{
CAN_Clean_Error clean_status;
CAN_It_Dis();
//Resets the CANICR register
ClrBit(CANCSR,RUN);
while (ValBit(CANCSR,RUN))
{
static u16 counter=0xFFF;
//Implement here a time out (171990 CPU cycles,
~21,4ms with 8MHz fcpu)
counter=counter-1;
if (counter==0)
{
return CAN_SLEEP_FATAL;
}
}
clean_status=CAN_Clean();
if (clean_status==CAN_CLEAN_FAILURE)
{
return CAN_SLEEP_FATAL;
}
if (wucause==BUS_WAKEUP)
//We are then in the case when the uC has to be
waken up by the bus
{
Clr_SCIF_Bit();
//clears the CANISR TXIF flag, before reenabling ITs
SetBit(CANICR,SCIE);
//sets the CANICR TXIE flag, before reenabling ITs
}
else if(wucause==SOFT_WAKEUP)
{
Clr_SCIF_Bit();
//clears the CANISR TXIF flag, before reenabling ITs
}
status_counter=0;
return CAN_SLEEP_SUCCESS;
}
/*--------------------------------------------------------------------------
ROUTINE NAME : CAN_Sleep
INPUT/OUTPUT : way the chip can be waken up : BUS_WAKEUP or SOFT_WAKEUP/Error
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com