Electronic Components Datasheet Search
  English  ▼

X  

AN1181 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1181
Description  ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1181 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1181 Datasheet HTML 1Page - STMicroelectronics AN1181 Datasheet HTML 2Page - STMicroelectronics AN1181 Datasheet HTML 3Page - STMicroelectronics AN1181 Datasheet HTML 4Page - STMicroelectronics AN1181 Datasheet HTML 5Page - STMicroelectronics AN1181 Datasheet HTML 6Page - STMicroelectronics AN1181 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
2 DEFINITIONS
– DUT (Device under test): a product evaluated for its sensitivity to ESD
– ESD (Electrostatic discharge): the transfer of electrostatic charge between bodies at differ-
ent electrostatic potentials
– Electrostatic Discharge Sensitivity: an ESD voltage level which causes part failure
– ESD simulator: an instrument that simulates the models described in this specification
– Human Body Model (HBM) ESD: an ESD pulse simulating the human body discharge to a
device
– Machine Model (MM) ESD: an ESD pulse approximating a pulse from a machine or mechan-
ical equipment
– Maximum Withstanding Voltage: the maximum ESD voltage at which the product passes the
failure criteria requirements specified in Section 4.
– PUT: pin under test
– Non-supply Pins: all input, output, bi-directional and clock pins except power pins and non
connected pins.
– Power Pins all power supply, external voltage source and ground pins
– Like-named Power Pins: Power Pins with similar names and functions. i.e. VDD1 - VDD2,
VCC1 - VCC2, GND1 - GND2.
– Ringing current: the damped high frequency current oscillation usually following the pulse
rise time
3 GENERAL
s
ESD pulse simulator and DUT
s
For HBM see FIGURE 1
s
For MM see FIGURE 2
3.1 MEASUREMENT EQUIPMENT
3.1.1 For HBM and MM
An oscilloscope and current probe with a minimum bandwidth of 350 MHz.
Maximum cable length of current probe is 1 meter.
– Evaluation loads:
a) low inductance, 1000 Volt, 500 ohm +/- 1% sputtered film resistor
b) tinned copper shorting wire
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com