Electronic Components Datasheet Search
  English  ▼

X  

AN1228 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1228
Description  How to relate LMOS device parameters to RF performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1228 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1228 Datasheet HTML 1Page - STMicroelectronics AN1228 Datasheet HTML 2Page - STMicroelectronics AN1228 Datasheet HTML 3Page - STMicroelectronics AN1228 Datasheet HTML 4Page - STMicroelectronics AN1228 Datasheet HTML 5Page - STMicroelectronics AN1228 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
July 2007
Rev 3
1/6
AN1228
Application note
How to relate LMOS device parameters to RF
performance
Introduction
This second installment of a two-part paper series on LDMOS technology (see
Understanding LDMOS Device Fundamentals, AN1226) will explain LDMOS circuit-level
performance through MOS intrinsic device characteristics. Understanding current laterally
diffused Metal-Oxide-Semiconductor (LDMOS) technology is necessary to optimally use
these devices in high-power RF circuitry. RF circuit designers must come to an
understanding of the relationship between circuit performance and device characteristics
beyond first-order approximations. These higher-order device relationships can offer insight
into many common device parameters and their interdependencies and, more importantly,
enable the design engineer to monitor the semiconductor manufacturing process more
effectively.
In general, for LDMOS devices and MOS field-effect transistors (MOSFETs) the channel is
of primary importance. The channel is the inversion layer created within the body of the
device that electrically connects the source and drain, as described in the first part of this
series. The channel dimensions and its doping determine the forward transconductance
(gfs) and contribute to the body-related capacitances that ultimately influence RF power gain
and frequency response. The body-doping profile is critical for device ruggedness and
reliability. Since the introduction of LDMOS devices for high-voltage commercial RF
applications, device dimensions have evolved from supermicron to submicron in only a few
short years.
This progress is indicative of future LDMOS generations and it should be noted that the
reduction in device size below one micron has not necessarily followed traditional scaling
laws.
Specification sheets for RF MOSFETs include many parameters that will be explained in the
context of circuit design and performance criteria. The order in which these device
parameters are presented here is not indicative of relative importance.
www.st.com


Similar Part No. - AN1228

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1220 STMICROELECTRONICS-AN1220 Datasheet
248Kb / 13P
LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
Jan-2000
AN1224 STMICROELECTRONICS-AN1224 Datasheet
106Kb / 10P
Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
26-Oct-2007
AN1229 STMICROELECTRONICS-AN1229 Datasheet
122Kb / 7P
SD2932 RF MOSFET for 300 W FM amplifier
30-Jul-2007
More results

Similar Description - AN1228

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10397 PHILIPS-AN10397 Datasheet
81Kb / 10P
How to use the SC18IM700 to control any I2C-bus device
Rev. 01-5 December 2005
logo
Aavid, Thermal Division...
5005-09NG AAVID-5005-09NG Datasheet
8Mb / 116P
How to Use This Catalog
logo
Anaren Microwave
C1K131350R0G4F2 ANAREN-C1K131350R0G4F2 Datasheet
189Kb / 3P
RF performance to 17 GHZ
logo
DB Lectro Inc
1D-16A DBLECTRO-1D-16A Datasheet
4Mb / 2P
RF Performance up to 13GHz
1E-4 DBLECTRO-1E-4 Datasheet
685Kb / 2P
RF Performance up to 4GHz
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
How to use the BT_HTS_RX_R2
Sep-2007
AN4496 STMICROELECTRONICS-AN4496 Datasheet
371Kb / 18P
How to get a high power factor with the HVLED815PF device
08-Sep-2014
AN3057 STMICROELECTRONICS-AN3057 Datasheet
419Kb / 15P
How to manage simultaneous
24-Oct-2012
logo
NXP Semiconductors
AN10397 PHILIPS-AN10397_15 Datasheet
81Kb / 10P
How to use the SC18IM700 to control any I2C-bus device
Rev. 01-5 December 2005
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
How to configure the Si4012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com