| Electronic Components Datasheet Search |
|
AN1445 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1445 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() AN1445/1101 1/7 AN1445 APPLICATION NOTE USING THE ST7 SPI TO EMULATE A 16-BIT SLAVE By Microcontroller Division Applications INTRODUCTION This application note describes how to emulate a 16-bit slave SPI using an ST7 microcon- troller with an on-chip 8-bit SPI. Figure 1. 16-bit SPI frame 1 PRINCIPLE The ST7 SPI cell has a double buffer for receiving data using two 8-bit registers: a read reg- ister and a shift register (see Figure 2.). The application software accesses the read register to retrieve the received data. The 8-bit shift register is managed by hardware to receive the 8 bits of each byte. As each bit is received, it is shifted into the shift register. During byte reception, the read register is not changed. It contains the previously received byte which can still be read by software. At the end of byte reception, the 8-bit shift register is copied into the read register. This double buffering makes it possible to receive 16-bit words. At the end of reception of the first byte, the shift register is copied into the read register, the SPIF flag is set and an interrupt can be generated. The next in-coming byte will be received in the shift register while the first byte is available in the read register. In order not to lose any bits, the software must be fast enough to read the first byte before the end of the reception of the second one. Note: The SPISR (SPI Status Register) is also called SPICSR (SPI Control/Status Register) depending on which ST7 microcontroller device you use. In this application note, we’ll use the name SPISR for the status register. bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 bit 8 bit 9 bit 10 bit 11 bit 12 bit 13 bit 14bit 15 1 |
Similar Part No. - AN1445 |
|
Similar Description - AN1445 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |