Electronic Components Datasheet Search
  English  ▼

X  

AN1575 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1575
Description  ON-BOARD PROGRAMMING METHODS FOR XFLASH AND HDFLASH ST7 MCUs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1575 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1575 Datasheet HTML 1Page - STMicroelectronics AN1575 Datasheet HTML 2Page - STMicroelectronics AN1575 Datasheet HTML 3Page - STMicroelectronics AN1575 Datasheet HTML 4Page - STMicroelectronics AN1575 Datasheet HTML 5Page - STMicroelectronics AN1575 Datasheet HTML 6Page - STMicroelectronics AN1575 Datasheet HTML 7Page - STMicroelectronics AN1575 Datasheet HTML 8Page - STMicroelectronics AN1575 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
ON-BOARD PROGRAMMING METHODS FOR XFLASH AND HDFLASH ST7 MCUs
1 APPLICATION NOT RUNNING DURING PROGRAMMING
This case covers applications that can be stopped during the programming operation: either
because there is no need to keep the application running, or because the programming
process does not require any special firmware to be run by the MCU. This last point means the
application design is compatible with the programming method and tools used.
For this purpose, STMicroelectronics has defined an In Circuit Programming (ICP) method
with a minimum of constraints on the application design.
1.1 ICP OVERVIEW
With this method, the MCU is switched by the programming tool into a special operating mode,
called In Circuit Communication (ICC) mode, by an event sequence on the RESET, VPP/
TEST, ICCCLK and ICCDATA pins: Throughout the entire programming operation, it remains
under control of the programming tool and all transactions go through the ICCCLK and
ICCDATA lines.
In order to be compatible with the ICP method, the application must therefore be equipped
with a special connector for the RESET, VPP/TEST, ICCCLK and ICCDATA signals, while re-
specting some guidelines in order not to interfere with other parts of the application.
Note that this connector features a VPP/TEST line to allow to supply 12V externally on the
VPP pin for HDFLASH-based devices.
When using the ICP method, the user has exactly the same features as on any programming
tool: the whole program memory range, as well as the option bytes can be accessed.
1.2 ICP PRACTICAL IMPLEMENTATION
The ICP implementation is purely a hardware issue as shown in Figure 1. No embedded
firmware needs to be developed. On the other words, the ICP method can be used to program
a blank MCU.
The only sensitive point is sometimes to correctly isolate the RESET, ICCCLK and ICCDATA
in order to avoid any conflict with the devices connected to these pins for purposes of the final
application. This is generally ensured by simple resistors (more details can be found in the
MCU datasheets or in the ST7 ICC Reference Manual).
During the ICP process, the MCU’s embedded peripherals remain in reset state since no soft-
ware is running to activate them. It should be noted however that the hardware watchdog is
disabled.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com