Electronic Components Datasheet Search
  English  ▼

X  

AN1577 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1577
Description  This application note presents the implementation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1577 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1577 Datasheet HTML 1Page - STMicroelectronics AN1577 Datasheet HTML 2Page - STMicroelectronics AN1577 Datasheet HTML 3Page - STMicroelectronics AN1577 Datasheet HTML 4Page - STMicroelectronics AN1577 Datasheet HTML 5Page - STMicroelectronics AN1577 Datasheet HTML 6Page - STMicroelectronics AN1577 Datasheet HTML 7Page - STMicroelectronics AN1577 Datasheet HTML 8Page - STMicroelectronics AN1577 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
DEVICE FIRMWARE UPGRADE (DFU) IMPLEMENTATION IN ST7 USB DEVICES
2.3 REQUESTS
A number of DFU class-specific requests are needed to accomplish the upgrade operations.
The following table summarizes the DFU class-specific requests.
For additional information about these requests, please refer to the DFU Class specification.
2.4 ENUMERATION PHASE
A device with DFU capability must be able to be enumerated in two ways by the host:
- As a single device with only DFU capability.
- As a composite device: HID, Mass storage, or any functional class, and with DFU capability.
During the enumeration phase, the device exposes two distinct and independent descriptor
sets, one each at the appropriate time:
- Run-time descriptor set: shown when the device performs normal operations.
- DFU mode descriptor set: shown when host and device agree to perform DFU operations.
Table 1. Summary of DFU Class-Specific Requests
bmRequestType
bRequest
wValue
wIndex
wLength
Data
00100001b
DFU_DETACH
(0)
wTimeout
Interface
Zero
None
00100001b
DFU_DNLOAD
(1)
wBlockum
Interface
Length
Firmware
10100001b
DFU_UPLOAD
(2)
Zero
Interface
Length
Firmware
10100001b
DFU_GETSTATUS
(3)
Zero
Interface
6
Status
00100001b
DFU_CLRSTATUS
(4)
Zero
Interface
Zero
None
10100001b
DFU_GETSTATE
(5)
Zero
Interface
1
State
00100001b
DFU_ABORT
(6)
Zero
Interface
Zero
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com