Electronic Components Datasheet Search
  English  ▼

X  

SR4POST Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR4POST
Description  45U SmartRack 4-Post Open Frame Rack, 1000-lb
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR4POST Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR4POST Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR4POST Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR4POST Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
45U SmartRack 4-Post Open Frame Rack, 1000-lb.
Capacity - Organize and Secure Network Rack
Equipment
MODEL NUMBER: SR4POST
Description
Tripp Lite's 45U 4-Post Open Frame Rack helps IT managers organize their equipment array and provides fast, easy access to installed IT equipment. The
SR4POST is a simple solution for housing IT equipment in secure environments and other areas that don’t require a lockable rack solution. This 45U rack
features heavy-duty cold-rolled steel construction with a black powder-coated finish for durability. It supports stationary loads up to 1000 lb. The SR4POST
comes with all the hardware required for assembly and has a self-squaring design with bolt-down provisions. For high-density applications, multiple units can
be bolted together side by side.
The open design of the SR4POST provides unobstructed airflow and easy access to equipment and cabling. It has numbered, square-hole mounting positions
for easy installation of standard 19-inch rack equipment. The SR4POST supports equipment depths from 22 to 39 inches. This rack also accommodates
toolless button-hole mounting for vertical PDUs and cable managers.
Features
Supports 1000lbs of rackmount equipment
Adjustable mounting depth (22 to 39 inches)
Textured powder coat finish
Heavy-duty cold-rolled steel construction
Numbered mounting positions
Bolt down provisions
Self squaring design
Includes mounting hardware of 50 pieces of M6 cage nuts, 50 pieces of M6 screws, and washers
Black finish
Easy assembly
Specifications
Highlights
45U 4-post open frame rack
Black steel with square,
numbered mounting holes
Toolless button holes to accept
PDUs or cable managers
Package Includes
SR4POST
Installation hardware
50x pieces of M6 cage nuts,
screws, and washers for
equipment mounting
Cable management hooks
Owner's manual with warranty
information
1 / 3


Similar Part No. - SR4POST

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR4POST1224 TRIPPLITE-SR4POST1224 Datasheet
158Kb / 3P
45U SmartRack 4-Post Open Frame Rack - Threaded 12-24 Mounting Holes
SR4POST13 TRIPPLITE-SR4POST13 Datasheet
488Kb / 3P
13U SmartRack 4-Post Open Frame Rack - Organize
SR4POST25 TRIPPLITE-SR4POST25 Datasheet
478Kb / 3P
25U SmartRack 4-Post Open Frame Rack - Organize
SR4POST48HD TRIPPLITE-SR4POST48HD Datasheet
165Kb / 3P
48U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST50HD TRIPPLITE-SR4POST50HD Datasheet
165Kb / 3P
50U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
More results

Similar Description - SR4POST

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR2POSTAA TRIPPLITE-SR2POSTAA Datasheet
466Kb / 2P
TAA-Compliant 45U SmartRack 2-Post Open Frame
SR4POST25 TRIPPLITE-SR4POST25 Datasheet
478Kb / 3P
25U SmartRack 4-Post Open Frame Rack - Organize
SR4POSTAA TRIPPLITE-SR4POSTAA Datasheet
470Kb / 2P
TAA-Compliant 45U SmartRack 4-Post Open Frame Rack
SR45UBEXPND TRIPPLITE-SR45UBEXPND Datasheet
485Kb / 3P
45U SmartRack 4-Post Premium Open Frame Rack
SR45UBEXPNDNR3 TRIPPLITE-SR45UBEXPNDNR3 Datasheet
486Kb / 3P
45U SmartRack 4-Post Premium Open Frame Rack - no sides, doors or roof
SR45UBMDEXPND TRIPPLITE-SR45UBMDEXPND Datasheet
486Kb / 3P
45U SmartRack 4-Post Mid-Depth Open Frame Rack
SR48UBEXPNDNR3 TRIPPLITE-SR48UBEXPNDNR3 Datasheet
485Kb / 3P
48U SmartRack 4-Post Premium Open Frame Rack
SR2POST TRIPPLITE-SR2POST Datasheet
467Kb / 2P
45U SmartRack 2-Post Open Frame Rack, 800-lb. Capacity - Organize and Secure Network Rack Equipment
SR12UBEXPNDKD TRIPPLITE-SR12UBEXPNDKD Datasheet
514Kb / 3P
SmartRack 12U 4-Post Open Frame Rack
SR4POST1224 TRIPPLITE-SR4POST1224 Datasheet
158Kb / 3P
45U SmartRack 4-Post Open Frame Rack - Threaded 12-24 Mounting Holes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com