Electronic Components Datasheet Search
  English  ▼

X  

LT1961 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1961
Description  1.5A, 1.25MHz Step-Up Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1961 Datasheet(HTML) 2 Page - Linear Technology

  LT1961_15 Datasheet HTML 1Page - Linear Technology LT1961_15 Datasheet HTML 2Page - Linear Technology LT1961_15 Datasheet HTML 3Page - Linear Technology LT1961_15 Datasheet HTML 4Page - Linear Technology LT1961_15 Datasheet HTML 5Page - Linear Technology LT1961_15 Datasheet HTML 6Page - Linear Technology LT1961_15 Datasheet HTML 7Page - Linear Technology LT1961_15 Datasheet HTML 8Page - Linear Technology LT1961_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1961
1961fa
ABSOLUTE MAXIMUM RATINGS
Input Voltage .......................................................... 25V
Switch Voltage ......................................................... 35V
SHDN Pin ............................................................... 25V
FB Pin Current ....................................................... 1mA
SYNC Pin Current .................................................. 1mA
Operating Junction Temperature Range (Note 2)
LT1961E, LT1961I ........................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
TJMAX = 125°C, θJA = 50°C/W
GROUND PAD CONNECTED
TO LARGE COPPER AREA
1
2
3
4
VIN
SW
GND
GND
8
7
6
5
SYNC
VC
FB
SHDN
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
PI CO FIGURATIO
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Recommended Operating Voltage
●
325
V
Maximum Switch Current Limit
●
1.5
2
3
A
Oscillator Frequency
3.3V < VIN < 25V
●
1
1.5
MHz
Switch On Voltage Drop
ISW = 1.5A
●
310
500
mV
VIN Undervoltage Lockout
(Note 3)
●
2.47
2.6
2.73
V
VIN Supply Current
ISW = 0A
●
0.9
1.3
mA
VIN Supply Current/ISW
ISW = 1.5A
27
mA/A
Shutdown Supply Current
VSHDN = 0V, VIN = 25V, VSW = 25V
6
20
μA
●
45
μA
Feedback Voltage
3V < VIN < 25V, 0.4V < VC < 0.9V
1.182
1.2
1.218
V
●
1.176
1.224
V
ELECTRICAL CHARACTERISTICS The●denotesthespecificationswhichapplyoverthefulloperatingtemperature
range, otherwise specifications are at TA = 25°C. VIN = 15V, VC = 0.8V, SHDN, SYNC and switch open unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1961EMS8E#PBF
LT1961EMS8E#TRPBF
LTQY
8-Lead Plastic MSOP
–40
°C to 125°C
LT1961IMS8E#PBF
LT1961IMS8E#TRPBF
LTQY
8-Lead Plastic MSOP
–40
°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1961EMS8E
LT1961EMS8E#TR
LTQY
8-Lead Plastic MSOP
–40
°C to 125°C
LT1961IMS8E
LT1961IMS8E#TR
LTQY
8-Lead Plastic MSOP
–40
°C to 125°C
ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com