Electronic Components Datasheet Search
  English  ▼

X  

UPD64 Datasheet(PDF) 50 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 50 Page - NEC

Back Button UPD64 Datasheet HTML 46Page - NEC UPD64 Datasheet HTML 47Page - NEC UPD64 Datasheet HTML 48Page - NEC UPD64 Datasheet HTML 49Page - NEC UPD64 Datasheet HTML 50Page - NEC UPD64 Datasheet HTML 51Page - NEC UPD64 Datasheet HTML 52Page - NEC UPD64 Datasheet HTML 53Page - NEC UPD64 Datasheet HTML 54Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
50
µPD63, 63A, 64
AC Characteristics (TA = –40 to +85 ˚C, VDD = 1.8 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Command execution time
tCY
VDD = 2.2 to 3.6 V
7.9
27
µs
15.9
27
µs
KI, S0, S1 high-level width
tH
10
µs
When releasing
at HALT mode
10
µs
STANDBY mode
at STOP mode
Note
µs
RESET low-level width
tRSL
10
µs
Note 10 + 52/fX + oscillation growth time
Remark tCY = 64/fX (fX: System clock oscillator frequency)
POC Circuit (mask optionNote 1) (TA = –20 to +70 ˚C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
POC-detected voltageNote 2
VPOC
0.9
1.6
2.2
V
POC circuit current
IPOC
0.9
1.0
µA
Notes 1. Operates effectively under the conditions of TA = –20 to +70 ˚C, VDD = 2.2 to 3.6 V, and fX = 2.4 to
4 MHz.
2. Refers to the voltage with which the POC circuit cancels an internal reset. If VPOC < VDD, the internal
reset is released.
From the time of VPOC
≥ VDD until the internal reset takes effect, lag of up to 1 ms occurs. When the
period of VPOC
≥ VDD lasts less than 1 ms, the internal reset may not take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com