Electronic Components Datasheet Search
  English  ▼

X  

SR48UB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR48UB
Description  48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48UB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR48UB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48UB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR48UB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Weight ratings of 3000 lb stationary and 2250 lb rolling.
Front door is locking, reversible and removable.
Rear doors are locking and reversible. Split rear door design reduces clearance requirements for service entry allowing the enclosure to be placed closer
to a wall.
Locking removable side panels are 'half size' to make them smaller and lighter improving ease of installation and servicing. Two side panels per side (4
panels total). Side panels are keyed alike to the front and rear doors.
Built in baying tabs allow enclosures to be combined securely in rows. Center-to-center width can be set at 600mm or 24" to match standard data center
floor tiles.
Casters are pre-installed and support a rolling load capacity of 2250 lbs, allowing the enclosures to be pre-configured and rolled to the final installation
location. Casters are removable.
Leveling feet extend to allow enclosure to be positioned on uneven floors. Levelers are removable.
Compact design allows the enclosure to roll through standard height commercial doorways.
Convenient grounding system. All components are grounded to the enclosure frame which includes multiple connections for facility ground. Front and
rear doors include quick-release ground wires.
Open bottom for cable access.
Top panel has generous cable access holes. Panel can be removed toollessly in seconds without having to disconnect cables first.
Included stabilizing brackets are used for shipment and can be reattached at the bottom of the enclosure frame on the inside or outside of the rack.
Meets all enclosure requirements towards PCI DSS (Payment Card Industry Data Security Standard) Compliance
Compatibility with airflow optimization accessories as well as cable management accessories.
Specifications
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
37
Installed Whole System Maximum
Rack Depth (cm)
94
Installed Whole System Minimum
Rack Depth (in.)
4
Installed Whole System Minimum
Rack Depth (cm)
10.16
Rack Height (U Spaces)
48
Shipping Dimensions (hwd / in.)
95 x 27.75 x 47
Shipping Dimensions (hwd / cm)
241 x 70.5 x 119
Shipping Weight (lbs.)
332
Shipping Weight (kg)
150.59
Unit Dimensions (hwd / in.)
89 x 23.63 x 43
Unit Dimensions (hwd / cm)
226.06 x 60.02 x 109.22
Unit Weight (lbs.)
309
Unit Weight (kg)
140
Unit Dimensions (cm)
EXTERNAL DIMENSIONS: 226 x 60 x 109 (HWD)
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com