Electronic Components Datasheet Search
  English  ▼

X  

SR48UBDP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR48UBDP
Description  48U SmartRack DEEP Premium Enclosure includes doors and side panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48UBDP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR48UBDP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48UBDP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR48UBDP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
48U SmartRack DEEP Premium Enclosure includes
doors and side panels
MODEL NUMBER: SR48UBDP
Description
A DEEP version of our standard 48U SmartRack. This enclosure is 1200mm deep (48") compared to the
standard 1050mm deep (42"). This extra depth allows for high density equipment installations. It allows extra
space for moving the cable management back as well as providing space for mounted equipment that has
hot-swap, removable power supplies out the back of the enclosure.
The SR48UBDP houses 3000 lb of standard 19-inch rack equipment in 48U. Its front and rear pairs of vertical
rails have square mounting holes that are adjustable in quarter-inch increments from 4 to 42 inches. Adjustment
is quick and an easy-view depth index ensures consistent rail placement without requiring time-consuming
measurements. Each rack space within the enclosure is numbered for ready reference.
Two of the adjustable vertical mounting rails support toolless button-mount 0U installation of up to four
compatible PDUs and cable managers. This feature makes it easier to route cabling to rack equipment and reduces cord clutter.
With its locking, reversible, removable front and rear doors, and locking, removable side panels, the SR48UBDP provides ultimate equipment safety. The side
panels are half size for ease of removal and reinstallation. The split rear door design allows the enclosure to be placed closer to a wall. The SR48UBDP meets
all requirements toward PCI DSS compliance.
The top panel of the SR48UBDP is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR48UBDP is open-bottom.
All components of the SR48UBDP are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility
earth ground. The removable front and rear doors feature quick-release ground wires.
To simplify deployment, the SR48UBDP comes with preinstalled casters that enable it to be easily maneuvered into the desired location, where it can be
secured by adjusting the preinstalled levelers. Note: the casters are intended for minor position adjustments and are not designed for moving the enclosure
Highlights
48" (1200mm) depth for
mounting extra-deep equipment
Standard 24" (600mm) width for
optimizing floor space
Ships fully assembled
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors; Locking,
removable side panels keyed
alike with doors
Pre-installed casters and leveling
feet; Rolls through standard 7
foot doorway
Meets all enclosure requirements
towards PCI DSS (Payment Card
Industry Data Security Standard)
Compliance
Package Includes
SR48UBDP Rack Enclosure
(4) Side panels
(4) Side panel locks
(2) Door & side panel keys
(50) M6 screws
(50) M6 cage nuts
(50) M6 washers
Owner's Manual
1 / 3


Similar Part No. - SR48UBDP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48UBDPWD TRIPPLITE-SR48UBDPWD Datasheet
521Kb / 3P
48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
More results

Similar Description - SR48UBDP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UBDPWD TRIPPLITE-SR42UBDPWD Datasheet
518Kb / 3P
42U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBDP TRIPPLITE-SR45UBDP Datasheet
519Kb / 3P
45U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR45UBDPWD TRIPPLITE-SR45UBDPWD Datasheet
522Kb / 3P
45U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBDPWD TRIPPLITE-SR48UBDPWD Datasheet
521Kb / 3P
48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWD TRIPPLITE-SR48UBWD Datasheet
531Kb / 4P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com