Electronic Components Datasheet Search
  English  ▼

X  

SR48UBWD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR48UBWD
Description  48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48UBWD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR48UBWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48UBWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR48UBWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR48UBWD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
48U SmartRack Wide Standard-Depth Rack
Enclosure Cabinet with doors & side panels
MODEL NUMBER: SR48UBWD
Description
The SR48UBWD is a WIDE version of our standard 48U SmartRack. This enclosure is 750mm wide (30")
compared to the standard 600mm wide (23.6"). This extra width allows for high density equipment installations. It
allows cable management and PDU mounting off to the sides of the rack in order to keep these items out of the
airflow for proper cooling.
The SR48UBWD features a massive front-to rear-ventilation capacity that meets or exceeds server
manufacturer requirements. Its integrated baying tabs make it easy to combine multiple enclosures in rows for
data center applications. This enclosure is also compatible with hot-aisle/cold-aisle configurations.
The SR48UBWD houses 3000 lb of standard 19-inch rack equipment in 48U. Its front and rear pairs of vertical
rails have square mounting holes that are adjustable in quarter-inch increments from 4 to 37 inches. Adjustment
is quick and an easy-view depth index ensures consistent rail placement without requiring time-consuming
measurements. Each rack space within the enclosure is numbered for ready reference.
Two of the adjustable vertical mounting rails support toolless button-mount 0U installation of up to four compatible PDUs and cable managers. This feature
makes it easier to route cabling to rack equipment and reduces cord clutter.
With its locking, reversible, removable front and rear doors, and locking, removable side panels, the SR48UBWD provides ultimate equipment safety. The side
panels are half size for ease of removal and reinstallation. The split rear door design allows the enclosure to be placed closer to a wall. The SR48UBWD
meets all requirements toward PCI DSS compliance.
The top panel of the SR48UBWD is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR45UBWD is open-bottom.
All components of the SR48UBWD are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility
Highlights
48U SmartRack enclosure with
doors and side panels
4 interior vertical posts with
unthreaded square hole openings
30" (750mm) width for optimizing
airflow through cabinet
Standard 42" (1050) depth
Ships fully assembled
Massive front to rear ventilation
capacity
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors
Locking, removable side panels
keyed alike with doors
Meets all enclosure requirements
towards PCI DSS (Payment Card
Industry Data Security Standard)
Compliance
Package Includes
SR48UBWD Rack Enclosure
(4) Side panels
(4) Side panel locks
(2) Door & side panel keys
(50) M6 screws
(50) M6 cage nuts
(50) M6 washers
Owner's Manual
1 / 4


Similar Part No. - SR48UBWD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
More results

Similar Description - SR48UBWD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR45UB TRIPPLITE-SR45UB Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBDPWD TRIPPLITE-SR48UBDPWD Datasheet
521Kb / 3P
48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR45UBWD TRIPPLITE-SR45UBWD Datasheet
170Kb / 4P
45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com