Electronic Components Datasheet Search
  English  ▼

X  

SRW18US13 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRW18US13
Description  SmartRack 18U Slim Wall-Mount Standard-Depth Rack Enclosure Cabinet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRW18US13 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRW18US13 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRW18US13 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rack Height (U Spaces)
18
Shipping Dimensions (hwd / in.)
41.61 x 25.6 x 14.96
Shipping Dimensions (hwd / cm)
105.68 x 65.02 x 37.99
Shipping Weight (lbs.)
98
Shipping Weight (kg)
44.45
Unit Dimensions (hwd / in.)
35.6 x 23.62 x 13
Unit Dimensions (hwd / cm)
90.42 x 59.9 x 33.02
Unit Weight (lbs.)
83.77
Unit Weight (kg)
38.00
Color
Black
Weight Capacity - Stationary (lbs.)
250
Weight Capacity - Stationary (kg)
113.40
Cable Access Hole Measurement
(inches)
9.812 x 2.35 (l x w)
Hinged (Swings Away from Wall
Bracket)
Yes
SPECIAL FEATURES
Grounding Lug
Front door frame
Seismic Rack
No
CERTIFICATIONS
Certifications
EIA-310-E
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com