Electronic Components Datasheet Search
  English  ▼

X  

SRWF5U Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRWF5U
Description  SmartRack 5U Low-Profile Wall-Mount Rack Enclosure Cabinet - 20 in. max horizontal mounting depth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRWF5U Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRWF5U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRWF5U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Installed Whole System Maximum
Rack Depth (cm)
50.80
Installed Whole System Minimum
Rack Depth (in.)
17
Installed Whole System Minimum
Rack Depth (cm)
43.18
Rack Height (U Spaces)
5
Shipping Dimensions (hwd / in.)
31.5" x 27.6" x 12"
Shipping Dimensions (hwd / cm)
80.01 x 70.10 x 30.48
Shipping Weight (lbs.)
49
Shipping Weight (kg)
22.1
Unit Dimensions (hwd / in.)
28.8 x 25.6 x 9.7
Unit Dimensions (hwd / cm)
73.15 x 65.02 x 24.64
Unit Weight (lbs.)
29
Unit Weight (kg)
13
Unit Dimensions (cm)
73.15 x 65.02 x 24.64
Color
Black
Weight Capacity - Stationary (lbs.)
150
Weight Capacity - Stationary (kg)
68.0
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Seismic Rack
No
CERTIFICATIONS
Certifications
EIA-310-E
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com